Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD55008S Datasheet(PDF) 2 Page - STMicroelectronics

Part # PD55008S
Description  RF POWER TRANSISTORS The LdmoST Plastic FAMILY
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55008S Datasheet(HTML) 2 Page - STMicroelectronics

  PD55008S Datasheet HTML 1Page - STMicroelectronics PD55008S Datasheet HTML 2Page - STMicroelectronics PD55008S Datasheet HTML 3Page - STMicroelectronics PD55008S Datasheet HTML 4Page - STMicroelectronics PD55008S Datasheet HTML 5Page - STMicroelectronics PD55008S Datasheet HTML 6Page - STMicroelectronics PD55008S Datasheet HTML 7Page - STMicroelectronics PD55008S Datasheet HTML 8Page - STMicroelectronics PD55008S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
PD55008 - PD55008S
2/18
ELECTRICAL SPECIFICATION (TCASE = 25°C)
STATIC
DYNAMIC
IMPEDANCE DATA
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
IDSS
VGS = 0 V
VDS = 28 V
1
µA
IGSS
VGS = 20 V
VDS = 0 V
1
µA
VGS(Q)
VDS = 10 V
ID = 150 mA
2.0
5.0
V
VDS(ON)
VGS = 10 V
ID = 1.5 A
0.67
V
gFS
VDS = 10 V
ID = 1.5 A
1.6
mho
CISS
VGS = 0 V
VDS = 12.5 V
f = 1 MHz
58
pF
COSS
VGS = 0 V
VDS = 12.5 V
f = 1 MHz
38
pF
CRSS
VGS = 0 V
VDS = 12.5 V
f = 1 MHz
2.8
pF
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
POUT
VDD = 12.5 V
IDQ = 150 mA
f = 500 MHz
8W
GP
VDD = 12.5 V
IDQ = 150 mA
POUT = 8 W f = 500 MHz
15
17
dB
ηD
VDD = 12.5 V
IDQ = 150 mA
POUT = 8 W f = 500 MHz
50
55
%
Load
mismatch
VDD = 15.5 V
IDQ = 150 mA
POUT = 8 W f = 500 MHz
ALL PHASE ANGLES
20:1
VSWR
PIN CONNECTION
GATE
SOURCE
DRAIN
SC15200
Typical Input
Impedance
Typical Drain
Load Impedance
G
D
S
ZDL
Zin
SC13140
PD55008S
FREQ. MHz
ZIN (Ω)ZDL(Ω)
480
1.075 - j 2.727
2.046 + j 1.960
500
1.409 - j 3.448
2.129 + j 3.219
520
1.586 - j 2.087
3.082 + j 2.043
PD55008
FREQ. MHz
ZIN (Ω)ZDL(Ω)
480
1.141 - j 2.054
1.649 + j 2.916
500
1.589 - j 1.185
1.561 + j 2.639
520
1.649 - j 1.965
1.716 + j 1.552
800
1.05 + j 0.54
2.62 - j 1.91
850
1.50 + j 1.00
2.26 - j 1.54
900
1.95 + j 2.28
2.70 - j 1.90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com