Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT27C020 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT27C020
Description  OTP CMOS 256Kx 8-Bit EPROM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT27C020 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT27C020 Datasheet HTML 1Page - Holtek Semiconductor Inc HT27C020 Datasheet HTML 2Page - Holtek Semiconductor Inc HT27C020 Datasheet HTML 3Page - Holtek Semiconductor Inc HT27C020 Datasheet HTML 4Page - Holtek Semiconductor Inc HT27C020 Datasheet HTML 5Page - Holtek Semiconductor Inc HT27C020 Datasheet HTML 6Page - Holtek Semiconductor Inc HT27C020 Datasheet HTML 7Page - Holtek Semiconductor Inc HT27C020 Datasheet HTML 8Page - Holtek Semiconductor Inc HT27C020 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Programming operation
Ta=+25
°C±5°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VCC
Conditions
tAS
Address Setup Time
6V
—
2
—
—
µs
tOES
OE Setup Time
6V
—
2
—
—
µs
tDS
Data Setup Time
6V
—
2
—
—
µs
tAH
Address Hold Time
6V
—
0
—
—
µs
tDH
Data Hold Time
6V
—
2
—
—
µs
tDFP
Output Enable to Output Float
Delay
6V
—
0
—
130
ns
tVPS
VPP Setup Time
6V
—
2
—
—
µs
tPW
PGM Program Pulse Width
6V
—
30
75
105
µs
tVCS
VCC Setup Time
6V
—
2
—
—
µs
tCES
CE Setup Time
6V
—
2
—
—
ns
tOE
Data Valid from OE
6V
—
—
—
150
µs
tPRT
VPP Pulse Rise Time During
Programming
6V
—
2
—
—
µs
Test waveforms and measurements
For -70, -90, -120 devices:
Output test load
tR, tF< 20ns (10% to 90%)
Note: CL=100pF including jig capacitance, except for the
-45 devices, where CL=30pF.
HT27C020
5
10th May ’99



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com