Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT27C512 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT27C512
Description  OTP CMOS 64Kx 8-Bit EPROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT27C512 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT27C512 Datasheet HTML 1Page - Holtek Semiconductor Inc HT27C512 Datasheet HTML 2Page - Holtek Semiconductor Inc HT27C512 Datasheet HTML 3Page - Holtek Semiconductor Inc HT27C512 Datasheet HTML 4Page - Holtek Semiconductor Inc HT27C512 Datasheet HTML 5Page - Holtek Semiconductor Inc HT27C512 Datasheet HTML 6Page - Holtek Semiconductor Inc HT27C512 Datasheet HTML 7Page - Holtek Semiconductor Inc HT27C512 Datasheet HTML 8Page - Holtek Semiconductor Inc HT27C512 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Absolute Maximum Ratings
Operation Temperature Commercial ...................................................................................0
°C to +70°C
Storage Temperature ......................................................................................................... –65
°C to 125°C
Applied VCC Voltage with Respect to VSS ........................................................................ –0.6V to 7.0V
Applied Voltage on Input Pin with Respect to VSS........................................................... –0.6V to 7.0V
Applied Voltage on Output Pin with Respect to VSS ............................................... –0.6V to VCC+0.5V
Applied Voltage on A9 Pin with Respect to VSS.............................................................. –0.6V to 13.5V
Applied VPP Voltage with Respect to VSS .......................................................................–0.6V to 13.5V
Applied READ Voltage (Functionality is guaranteed between these limits) ................ +4.5V to +5.5V
Note: These are stress ratings only. Stresses exceeding the range specified under “Absolute Maxi-
mum Ratings” may cause substantial damage to the device. Functional operation of this device
at other conditions beyond those listed in the specification is not implied and prolonged
exposure to extreme conditions may affect device reliability.
D.C. Characteristics
Read operation
Symbol
Parameter
Test Conditions
Min. Typ.
Max.
Unit
VCC
Conditions
VOH
Output High Level
5V
IOH=–0.4mA
2.4
—
—
V
VOL
Output Low Level
5V
IOL=2.1mA
—
—
0.45
V
VIH
Input High Level
5V
—
2.0
—
VCC+0.5
V
VIL
Input Low Level
5V
—
–0.3
—
0.8
V
ILI
Input Leakage Current
5V
VIN=0 to 5.5V
–5
—
5
µA
ILO
Output Leakage Current
5V
VOUT=0 to 5.5V
–10
—
10
µA
ICC
VCC Active Current
5V
CE=VIL, f=5MHz,
IOUT=0mA
——
30
mA
ISB1
Standby Current (CMOS)
5V
CE=VCC
±0.3V
—
1.0
10
µA
ISB2
Standby Current (TTL)
5V
CE=VIH
—
—
1.0
mA
IPP
VPP Read/Standby Current
5V
CE=OE=VIL, VPP=VCC
——
100
µA
HT27C512
3
6th May ’99



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com