Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P002001 Datasheet(PDF) 1 Page - E-SWITCH

Part # P002001
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

P002001 Datasheet(HTML) 1 Page - E-SWITCH

  P002001 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMETRIC
ISOMETRIC
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
TL52AF160Q
2=1
12/23/2009
P002001
C
BLR
1
1
PCB LAYOUT
A
18567
Release For Production
7/9/09
BLR
NOTES:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. RATING: 12VDC @ 50mA
4. CONTACT RESISTANCE: 100mW MAX.
5. INSULATION RESISTANCE: 100MW MIN @100VDC.
6. OPERATING FORCE: 160 `50gf
7. TRAVEL: 0.3 +0.1/-0.1mm
8. OPERATING TEMPURATURE: -25~C TO 85~C
9. OPEREATING LIFE: 100,000 CYCLES
10. SILVER CONTACTS.
11. SEALED TO IP67
12.
DENOTES CRITICAL PARAMETERS
13. 2002/95/EC (ROHS) COMPLIANT
14. PARTS ARE RADIAL PACKAGED, 1000 PIECES
PER PACK. PARTS ARE ZIG-ZAG FOLDED AND
1 SWITCH IS REMOVED AT EVERY FOLD.
CIRCUIT: SPST
1
2
5.00
[.197 in]
n1.00
[.039 in]
2 PLCS
8.00
[.315 in]
3.80
[.150 in]
n
13.00
[.512 in]
9.30
[.366 in]
7.30
[.287 in]
.60
[.024 in]
.50
[.020 in]
4.90
[.193 in]
5.10
[.201 in]
9.00
[.354 in]
18.00
[.709 in]
18.00
[.709 in]
.50
[.020 in]
6.00
[.236 in]
12.70 `.30
.500 `.012 in
[
]
4.00
n
`.30
.157 `.012 in
[
]
6.00
[.236 in]
.40
[.016 in]
8.00
[.315 in]
6.35 `.10
.250 `.004 in
[
]
.30
[.012 in]
.60
[.024 in] MAX.
C
B
18734
chg travel tol from +.2/-.1
12/8/09
rc
C
18747
CORRECT TOLERANCE IN NOTE #7
12/23/09
BLR


Similar Part No. - P002001

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P00200110A TRIPPLITE-P00200110A Datasheet
489Kb / 2P
Universal AC Power Adapter Cord, 10A, 18AWG (IEC-320-C14 to NEMA 5-15R), 1-ft
More results

Similar Description - P002001

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com