Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT48C50- Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT48C50-
Description  8-Bit Microcontroller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48C50- Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT48C50- Datasheet HTML 17Page - Holtek Semiconductor Inc HT48C50- Datasheet HTML 18Page - Holtek Semiconductor Inc HT48C50- Datasheet HTML 19Page - Holtek Semiconductor Inc HT48C50- Datasheet HTML 20Page - Holtek Semiconductor Inc HT48C50- Datasheet HTML 21Page - Holtek Semiconductor Inc HT48C50- Datasheet HTML 22Page - Holtek Semiconductor Inc HT48C50- Datasheet HTML 23Page - Holtek Semiconductor Inc HT48C50- Datasheet HTML 24Page - Holtek Semiconductor Inc HT48C50- Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
HT48C50-1
21
June 14, 2000
Preliminary
After a chip reset, these input/output lines re-
main at high levels or floating state (depending
on the pull-high options). Each bit of these in-
put/output latches can be set or cleared by "SET
[m].i" and "CLR [m].i" (m=12H, 14H, 16H, 18H
or 1EH) instructions.
Some instructions first input data and then fol-
low the output operations. For example, "SET
[m].i", "CLR [m].i", "CPL [m]", "CPLA [m]" read
the entire port states into the CPU, execute the
defined operations (bit-operation), and then
write the results back to the latches or the accu-
mulator.
Each line of port A has the capability of wak-
ing-up the device. The highest 5-bit of port G are
not physically implemented; on reading them a
"0" is returned whereas writing then results in
no-operation. See Application note.
There is a pull-high option available for all I/O
lines (bit option). Once the pull-high option of
an I/O line is selected, the I/O line have
pull-high resistor. Otherwise, the pull-high re-
sistor is absent. It should be noted that a
non-pull-high I/O line operating in input mode
will cause a floating state.
The PB0 and PB1 are pin-shared with BZ and
BZ signal, respectively. If the BZ/BZ option is
selected, the output signal in output mode of
PB0/PB1 will be the PFD signal generated by
timer/event counter 0 overflow signal. The in-
put mode always remain in its original func-
tions. Once the BZ/BZ option is selected, the
buzzer output signals are controlled by the PB0
data register only. The I/O functions of
PB0/PB1 are shown below.
PB0 I/O
I
I
OO
O
OOOOO
PB1 I/O
I
O
I
I
I
OOOOO
PB0 Mode
x
x
C
B
B
CBBBB
PB1 Mode
x
C
x
x
x
CCCBB
PB0 Data
x
x
D
0
1
D0
0101
PB1 Data
x
D
x
x
x
D1
DD
x
x
PB0 Pad Status
I
I
D
0
B
D0
0B0B
PB1 Pad Status
I
D
I
I
I
D1
DD
0
B
Note: ²I² input, ²O² output, ²D, D0,D1² data,
²B² buzzer option, BZ or BZ, ²x² don't care
²C² CMOS output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com