Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT48RA0A Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT48RA0A
Description  8-Bit Remote Type MCU
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48RA0A Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT48RA0A Datasheet HTML 1Page - Holtek Semiconductor Inc HT48RA0A Datasheet HTML 2Page - Holtek Semiconductor Inc HT48RA0A Datasheet HTML 3Page - Holtek Semiconductor Inc HT48RA0A Datasheet HTML 4Page - Holtek Semiconductor Inc HT48RA0A Datasheet HTML 5Page - Holtek Semiconductor Inc HT48RA0A Datasheet HTML 6Page - Holtek Semiconductor Inc HT48RA0A Datasheet HTML 7Page - Holtek Semiconductor Inc HT48RA0A Datasheet HTML 8Page - Holtek Semiconductor Inc HT48RA0A Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
Pin Assignment
Pin Description
Pin Name
I/O
Code
Option
Description
PA0~PA7
I/O
¾
Bidirectional 8-bit input/output port with pull-high resistors. Each bit can be de-
termined as NMOS output or Schmitt trigger input by software instructions.
PB0, PB1
I/O
Wake-up
or None
2-bit bidirectional input/output lines with pull-high resistors. Each bit can be de-
termined as NMOS output or Schmitt trigger input by software instructions.
Each bit can also be configured as wake-up input by code option.
PB2~PB7
I
Wake-up or
None
6-bit Schmitt trigger input lines with pull-high resistors. Each bit can be config-
ured as a wake-up input by code option.
PC0/REM
O
Level or
Carrier
Level or carrier output pin
PC0 can be set as CMOS output pin or carrier output pin by code option.
VDD
¾¾
Positive power supply
VSS
¾¾
Negative power supply, ground
OSC2
OSC1
I
O
Crystal
or RC
OSC1, OSC2 are connected to an RC network or a crystal (determined by
code option) for the internal system clock. In the case of RC operation, OSC2
is the output terminal for 1/4 system clock (NMOS open drain output).
RES
I
¾
Schmitt trigger reset input. Active low.
Absolute Maximum Ratings
Supply Voltage ...........................VSS
-0.3V to VSS+4.0V
Storage Temperature ............................
-50°Cto125°C
Input Voltage..............................VSS
-0.3V to VDD+0.3V
Operating Temperature...........................
-40°Cto85°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
HT48RA0A
Rev. 1.70
2
July 16, 2003
P A 1
P A 0
P B 1
P B 0
P C 0 / R E M
V D D
O S C 2
O S C 1
V S S
R E S
P A 2
P A 3
P A 4
P A 5
P A 6
P A 7
P B 2
P B 3
P B 4
P B 5
P A 2
P A 3
P A 4
P A 5
P A 6
P A 7
P B 2
P B 3
P B 4
P B 5
P B 6
P B 7
P A 1
P A 0
P B 1
P B 0
P C 0 / R E M
V D D
O S C 2
O S C 1
V S S
R E S
N C
N C
2 4
2 3
2 2
2 1
2 0
1 9
1 8
1 7
1 6
1 5
1 4
1 3
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
2 0
1 9
1 8
1 7
1 6
1 5
1 4
1 3
1 2
1 1
1
2
3
4
5
6
7
8
9
1 0
H T 4 8 R A 0 A
2 4 S O P - A
H T 4 8 R A 0 A
2 0 S O P - A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com