Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NNCD10C Datasheet(PDF) 3 Page - NEC

Part # NNCD10C
Description  ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 150 mW TYPE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NNCD10C Datasheet(HTML) 3 Page - NEC

  NNCD10C Datasheet HTML 1Page - NEC NNCD10C Datasheet HTML 2Page - NEC NNCD10C Datasheet HTML 3Page - NEC NNCD10C Datasheet HTML 4Page - NEC NNCD10C Datasheet HTML 5Page - NEC NNCD10C Datasheet HTML 6Page - NEC NNCD10C Datasheet HTML 7Page - NEC NNCD10C Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NNCD3.3C to NNCD12C
3
TYPICAL CHARACTERISTICS (TA = 25
°C)
20
× 15 × 0.75
P.C.B. (Ceramic)
10
× 7.5 × 0.75
P.C.B. (Ceramic)
30
× 30 × 0.75
P.C.B. (Ceramic)
10
× 7.5 × 0.75
P.C.B. (Glass Epoxy)
200
150
100
50
0
0
50
100
150
200
TA - Ambient Temperature - °C
Fig. 1 POWER DISSIPATION vs. AMBIENT TEMPERATURE
100 m
10 m
1 m
100
10
1
100 n
10 n
1 n
0123456789 10
VBR - Breakdown Voltage - V
100 m
10 m
1 m
100
10
1
100 n
10 n
1 n
0789 10 11 12 13 14 15
VBR - Breakdown Voltage - V
NNCD9.1C
NNCD8.2C
NNCD7.5C
NNCD6.8C
NNCD3.3C
NNCD3.6C
NNCD3.9C
NNCD4.3C
NNCD4.7C
µ
µ
µ
µ
µ
µ
NNCD5.1C
NNCD5.6C
NNCD6.2C
NNCD12C
NNCD10C
NNCD11C
Fig. 2 IT - VBR CHARACTERISTICS
Fig. 3 IT - VBR CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com