Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT680 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT680
Description  318 Series of Encoders
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT680 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT680 Datasheet HTML 1Page - Holtek Semiconductor Inc HT680 Datasheet HTML 2Page - Holtek Semiconductor Inc HT680 Datasheet HTML 3Page - Holtek Semiconductor Inc HT680 Datasheet HTML 4Page - Holtek Semiconductor Inc HT680 Datasheet HTML 5Page - Holtek Semiconductor Inc HT680 Datasheet HTML 6Page - Holtek Semiconductor Inc HT680 Datasheet HTML 7Page - Holtek Semiconductor Inc HT680 Datasheet HTML 8Page - Holtek Semiconductor Inc HT680 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Electrical Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max. Unit
VDD
Conditions
VDD
Operating Voltage
¾¾
2.4
¾
12
V
ISTB
Standby Current
3V
Oscillator stops
¾
0.1
1
mA
12V
¾
24
mA
IDD
Operating Current
5V No load
fOSC=100kHz
¾
250
500
mA
12V
¾
1200
2400
mA
ILED
LED Sink Current
5V VLED=0.5V
1.5
3
¾
mA
IDOUT Output Drive Current
5V VOH=0.9VDD (Source)
-0.6
-1.2
¾
mA
5V VOL=0.1VDD (Sink)
0.6
1.2
¾
mA
VIH
²H² Input Voltage
¾¾
0.8VDD
¾
VDD
V
VIL
²L² Input Voltage
¾¾
0
¾
0.2VDD
V
fOSC
Oscillator Frequency
10V ROSC=330kW¾
100
¾
kHz
RTE
TE Pull-low Resistance
5V
VTE=5V
¾
1.5
3
MW
RDATA D12~D17 Pull-low
Resistance
5V VDATA=5V
¾
1.5
3
MW
HT600/680/6207
5
April 24, 2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com