Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST103003 Datasheet(PDF) 1 Page - E-SWITCH

Part # ST103003
Description  All Dimension In MM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

ST103003 Datasheet(HTML) 1 Page - E-SWITCH

  ST103003 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMETRIC
ISOMETRIC
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
100AWSP3T1B1M2QEH
2:1
2/15/2007
ST103003
D
TN
1
1
PCB LAYOUT
2.92
[.115 in]
n
10.55
[.415 in]
5.30
[.209 in]
10.40
[.409 in]
6.60
[.260 in]
12.70
[.500 in]
1.27
[.050 in]
4.70
[.185 in]
.76
[.030 in]
A
14682
RELEASED FOR PRODUCTION
2/9/05
AR
POS. 1
POS. 2
POS. 3
SWITCH FUNCTION
OFF
ON
ON
2-3
OPEN
2-1
2
13
4.70
[.185 in]
n1.85
[.073 in]
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. PLATING MATERIAL: SILVER
5. RATING: 2A @250VAC
5A @120VAC OR 28VDC
6. ELECTRIC LIFE: 40,000 MAKE-AND-BREAK CYCLES
AT FULL LOAD.
7. INSULATION RESISTANCE: 1,000 MEGA-OHM MIN.
8. DIELECTRIC STRENGTH: 1,000 V RMS @SEA LEVEL.
9. OPERATING TEMP.: -30°C to 85°C
10. HARDWARE TO BE SHIPPED BULK
T100000 - HEXNUT - QTY 2
T100011 - LOCKWASHER - QTY 1
T100015 - LOCKRING - QTY 1
11.
DENOTES CRITICAL PARAMETER.
12. 2002/95/EC (ROHS) COMPLIANT
1
23
3
CIRCUIT: SPDT
8.82
[.347 in]
.52
[.020 in]
.85
[.033 in]
KEYWAY
25
~
POS. 1
POS. 2
POS. 3
1/4-40 UNS-2A
THREADS
EPOXY SEAL
100AWSP3T1B1M2RE
(T103003)
B
16856
CHANGED FROM GOLD TO SILVER
1/12/07
TN
E-LOGO ON
OPPOSITE SIDE
C
16934
ADDED NOTE TO BODY
1/29/07
TN
D
17003
10.39 TO 10.55
2/15/2007
TN


Similar Part No. - ST103003

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
ST103008 E-SWITCH-ST103008 Datasheet
124Kb / 1P
ALL DIMENSIONS IN MM [INCH]
ST103009 E-SWITCH-ST103009 Datasheet
121Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - ST103003

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
XR0119B E-SWITCH-XR0119B Datasheet
26Kb / 1P
All Dimension In MM
XR0123B E-SWITCH-XR0123B Datasheet
27Kb / 1P
All Dimension In MM
XR0126B E-SWITCH-XR0126B Datasheet
27Kb / 1P
All Dimension In MM
XR0143P E-SWITCH-XR0143P Datasheet
35Kb / 1P
All Dimension In MM
XR0144P E-SWITCH-XR0144P Datasheet
35Kb / 1P
All Dimension In MM
XR0150P E-SWITCH-XR0150P Datasheet
26Kb / 1P
All Dimension In MM
XR0153P E-SWITCH-XR0153P Datasheet
26Kb / 1P
All Dimension In MM
XR0166P E-SWITCH-XR0166P Datasheet
35Kb / 1P
All Dimension In MM
XR0180P E-SWITCH-XR0180P Datasheet
33Kb / 1P
All Dimension In MM
M301100 E-SWITCH-M301100 Datasheet
34Kb / 1P
All Dimension In MM
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com