Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT614 Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT614
Description  318 Series of Decoders
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT614 Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

  HT614 Datasheet HTML 1Page - Holtek Semiconductor Inc HT614 Datasheet HTML 2Page - Holtek Semiconductor Inc HT614 Datasheet HTML 3Page - Holtek Semiconductor Inc HT614 Datasheet HTML 4Page - Holtek Semiconductor Inc HT614 Datasheet HTML 5Page - Holtek Semiconductor Inc HT614 Datasheet HTML 6Page - Holtek Semiconductor Inc HT614 Datasheet HTML 7Page - Holtek Semiconductor Inc HT614 Datasheet HTML 8Page - Holtek Semiconductor Inc HT614 Datasheet HTML 9Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Application Circuits
Note: Typical infrared receiver: PIC-12043T/PIC-12043C (KODENSHI CORP.)
or LTM9052 (LITEON CORP.)
Typical RF receiver: JR-200 (JUWA CORP.)
RE-99 (MING MICROSYSTEM, U.S.A.)
HT604L/614/692
8
April 24, 2000
A1 1
A1 2
D1 4
D1 5
VT
DI N
OS C 2
OS C 1
VS S
R e ce i v e r C i r cu i t
Ro s c
3
4
5
6
7
8
9
VD D
A9
A8
A7
A6
A3
A2
A1
A0
18
17
16
15
14
13
12
11
10
HT 6 9 2
1
2
A1 1
D1 2
D1 3
D1 4
VT
DI N
OS C 2
OS C 1
VS S
R e ce i v e r C i r cu i t
Ro s c
1
2
3
4
5
8
9
10
VD D
A9
A8
A7
A3
A2
A1
A0
A4
D1 5
6
7
A6
20
19
18
17
16
13
12
11
15
14
H T 614/ H T 604L
V DD
V DD



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com