Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC202AMLTRT Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC202AMLTRT
Description  3.5MHz, 500mA Step-down Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC202AMLTRT Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC202AMLTRT Datasheet HTML 9Page - Semtech Corporation SC202AMLTRT Datasheet HTML 10Page - Semtech Corporation SC202AMLTRT Datasheet HTML 11Page - Semtech Corporation SC202AMLTRT Datasheet HTML 12Page - Semtech Corporation SC202AMLTRT Datasheet HTML 13Page - Semtech Corporation SC202AMLTRT Datasheet HTML 14Page - Semtech Corporation SC202AMLTRT Datasheet HTML 15Page - Semtech Corporation SC202AMLTRT Datasheet HTML 16Page - Semtech Corporation SC202AMLTRT Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
SC202A
13
The resistor values can be determined using the following
equation.
1
FB
SNS
2
FB
2
FB
1
FB
SET
OUT
R
I
R
R
R
V
V
where V
OUT is the desired output voltage, VSET is the voltage
setting selected by the CTL pins, R
FB1 is the resistor
between the output capacitor and the SNS pin, R
FB2 is the
resistor between the SNS pin and ground, and I
SNS is the
leakage current into the SNS pin during normal operation.
The current into the SNS pin is typically 1µA, so the last
term of the equation can be neglected if the current
through R
FB2 is much larger than 1µA. Selecting a resistor
value of 10kΩ or lower will simplify the design. If I
SNS is
neglected and R
FB2 is fixed, RFB1 can be determined using
the following equation.
SET
SET
OUT
2
FB
1
FB
V
V
V
R
R
Inserting resistance in the feedback loop will adversely
affect the system’s transient performance if feed-forward
capacitance is not included in the circuit. The circuit in
Figure 1 illustrates how the resistor divider and feed-
forward capacitor can be added to the SC202A
schematic.
VOUT
SC202A
IN
CTL3
CTL2
CTL1
CTL0
SNS
OUT
GND
VIN
COUT
CIN
Enable
CFF
RFB1
RFB2
Figure 1 – Application Circuit with External Resistors
The value of feed-forward capacitance needed can be
determined using the following equation.
5
.
0
V
V
V
R
5
.
0
V
V
10
4
C
SET
SET
OUT
1
FB
2
OUT
SET
6
FF
To simplify the design, it is recommended to program the
output setting to 1.0V, use resistor values smaller than
10kΩ, and include a feed-forward capacitance calculated
with the previous equation. If the output voltage is set to
1.0V, the previous equation reduces to the following
equation.
1
V
R
5
.
0
V
10
8
C
OUT
1
FB
2
OUT
6
FF
Example:
An output voltage of 1.3V is desired, but this is not a pro-
grammable option. What external component values for
Figure 1 are needed?
Solution: To keep the circuit simple, set R
FB2 to 10kΩ so
current into the SNS pin can be neglected and set the
CTL3-0 pins to 0010 (1.0V setting). The necessary compo-
nent values for this situation are shown by the following
equations.
k
3
V
V
V
R
R
SET
SET
OUT
2
FB
1
FB
nF
69
.
5
1
V
R
5
.
0
V
10
8
C
OUT
1
FB
2
OUT
6
FF
PWM Operation
Normal PWM operation occurs when the output load
current exceeds the PSAVE threshold. In this mode, the
PMOS high side switch is activated with the duty cycle
required to produce the output voltage programmed by
the CTL pins. An internal synchronous NMOS rectifier
eliminates the need for an external Schottky diode on
the LX pin. The duty cycle (percentage of time PMOS is
active) increases as V
IN decreases to maintain output
voltage regulation. As the input voltage approaches the
programmed output voltage, the duty cycle approaches
100% (PMOS always on) and the device enters a pass-
through mode until the input voltage increases or the
load decreases enough to allow PWM switching to
resume.
Power Save Mode Operation
When the load current decreases below the PSAVE
threshold, PWM switching stops and the device auto-
matically enters PSAVE mode. This threshold varies
depending on the input voltage and output voltage
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com