Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC847 Datasheet(PDF) 1 Page - ON Semiconductor

Part # BC847
Description  General Purpose Transistors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC847 Datasheet(HTML) 1 Page - ON Semiconductor

  BC847 Datasheet HTML 1Page - ON Semiconductor BC847 Datasheet HTML 2Page - ON Semiconductor BC847 Datasheet HTML 3Page - ON Semiconductor BC847 Datasheet HTML 4Page - ON Semiconductor BC847 Datasheet HTML 5Page - ON Semiconductor BC847 Datasheet HTML 6Page - ON Semiconductor BC847 Datasheet HTML 7Page - ON Semiconductor BC847 Datasheet HTML 8Page - ON Semiconductor BC847 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
© Semiconductor Components Industries, LLC, 2011
November, 2011 − Rev. 8
1
Publication Order Number:
BC846AWT1/D
BC846, SBC846, BC847,
SBC847, BC848 Series
General Purpose
Transistors
NPN Silicon
These transistors are designed for general purpose amplifier
applications. They are housed in the SC−70/SOT−323 which is
designed for low power surface mount applications.
Features
• AEC−Q101 Qualified and PPAP Capable
• S Prefix for Automotive and Other Applications Requiring Unique
Site and Control Change Requirements
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector-Emitter Voltage
BC846, SBC846
BC847, SBC847
BC848
VCEO
65
45
30
V
Collector-Base Voltage
BC846, SBC846
BC847, SBC847
BC848
VCBO
80
50
30
V
Emitter-Base Voltage
BC846, SBC846
BC847, SBC847
BC848
VEBO
6.0
6.0
5.0
V
Collector Current − Continuous
IC
100
mAdc
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR− 5 Board,
(Note 1) TA = 25°C
PD
150
mW
Thermal Resistance,
Junction−to−Ambient
RqJA
833
°C/W
Junction and Storage Temperature
TJ, Tstg
−55 to
+150
°C
1. FR−5 = 1.0 x 0.75 x 0.062 in.
http://onsemi.com
SC−70/SOT−323
CASE 419
STYLE 3
MARKING DIAGRAM
XX
= Specific Device Code
M
= Month Code
G
= Pb−Free Package
(Note: Microdot may be in either location)
XX MG
G
COLLECTOR
3
1
BASE
2
EMITTER
1
2
3
See detailed ordering and shipping information in the package
dimensions section on page 12 of this data sheet.
ORDERING INFORMATION


Similar Part No. - BC847

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC847 PHILIPS-BC847 Datasheet
80Kb / 10P
NPN general purpose transistors
2004 Feb 06
logo
STMicroelectronics
BC847 STMICROELECTRONICS-BC847 Datasheet
39Kb / 4P
SMALL SIGNAL NPN TRANSISTORS
Oct-1997
logo
Fairchild Semiconductor
BC847 FAIRCHILD-BC847 Datasheet
68Kb / 3P
NPN EPITAXIAL SILICON TRANSISTOR
logo
General Semiconductor
BC847 GE-BC847 Datasheet
301Kb / 6P
Small Signal Transistors (NPN)
logo
KEC(Korea Electronics)
BC847 KEC-BC847 Datasheet
249Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
More results

Similar Description - BC847

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
General Purpose Transistors
March, 2007 ??Rev. 3
logo
SeCoS Halbleitertechnol...
EMX1 SECOS-EMX1 Datasheet
516Kb / 3P
General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
General Purpose Transistors
October, 2009 ??Rev. 9
logo
WILLAS ELECTRONIC CORP
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
General Purpose Transistors
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
General Purpose Transistors
logo
First Silicon Co., Ltd
BC807S FS-BC807S Datasheet
107Kb / 3P
General Purpose Transistors
BC847E FS-BC847E Datasheet
427Kb / 5P
General Purpose Transistors
logo
Shanghai Leiditech Elec...
L9012PLT1G LEIDITECH-L9012PLT1G Datasheet
273Kb / 2P
General Purpose Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com