Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SJS840310 Datasheet(PDF) 6 Page - Amphenol Corporation

Part # SJS840310
Description  Luminus Series lighting connectors from Amphenol PCD.
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

SJS840310 Datasheet(HTML) 6 Page - Amphenol Corporation

  SJS840310 Datasheet HTML 1Page - Amphenol Corporation SJS840310 Datasheet HTML 2Page - Amphenol Corporation SJS840310 Datasheet HTML 3Page - Amphenol Corporation SJS840310 Datasheet HTML 4Page - Amphenol Corporation SJS840310 Datasheet HTML 5Page - Amphenol Corporation SJS840310 Datasheet HTML 6Page - Amphenol Corporation SJS840310 Datasheet HTML 7Page - Amphenol Corporation SJS840310 Datasheet HTML 8Page - Amphenol Corporation SJS840310 Datasheet HTML 9Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Luminus availability & highlights.
PERFORMANCE
TEMPERATURE
-55 C° to 155 C°
MIL-C-39029 CONTACTS
Accepts standard
MIL-C-39029/56-57-58 contacts.
INSULATION RESISTANCE
5000 Megaohms Min.
DIELECTRIC WITHSTANDING VOLTAGE
1500 VRMS at Sea Level
600 VRMS at 45,000 ft.
FLAMMABILITY
UL94, V0
MATERIALS
INSULATER BODY
Polyamide 6/6
GROMMET
Silicone Rubber
CONTACT RETAINERS
Stainless Steel
Customized solutions available.
SJS840500
Inline receptacle
Size 22
SJS840510
Inline plug
Size 22
SJS840400
Inline receptacle
Size 16
SJS840330
Panel receptacle, Alt
Size 16
SJS840340
Panel plug, Alt
Size 16
SJS840410
Inline plug
Size 16
SJS512100
Inline plug
Size 12
SJS512200
Inline receptacle
Size 12
SJS716100
Inline plug
Size 16
SJS716200
Inline receptacle
Size 16
SJS720100
Inline plug
Size 20
SJS840310
Inline plug
Size 16
SJS840320
Panel receptacle
Size 16
SJS830270
Inline receptacle
Size 22
SJS830250
Inline plug
Size 22
SJS840300
Inline receptacle
Size 16
SJS720200
Inline receptacle
Size 20
SJS840910
Inline plug
4 - Sz 16; 5 - Sz 22
SJS840900
Inline receptacle
4 - Sz 16; 5 - Sz 22
SJS840520
Panel receptacle
Size 22
SJS830100
Inline plug
Size 22
SJS830200
Inline receptacle
Size 22



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com