Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT6542B Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT6542B
Description  Keyboard Controller with PS/2
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT6542B Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT6542B Datasheet HTML 1Page - Holtek Semiconductor Inc HT6542B Datasheet HTML 2Page - Holtek Semiconductor Inc HT6542B Datasheet HTML 3Page - Holtek Semiconductor Inc HT6542B Datasheet HTML 4Page - Holtek Semiconductor Inc HT6542B Datasheet HTML 5Page - Holtek Semiconductor Inc HT6542B Datasheet HTML 6Page - Holtek Semiconductor Inc HT6542B Datasheet HTML 7Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Functional Description
Power on
When power is switched on, the HT6542B auto-
detect the motherboard type(AT or PS/2), then
disable the keyboard/mouse and waits for the
self-test command to perform a self-test. If no
error is detected during self-test, HEX 55 is
registered in the output buffer (note that any
value other than HEX 55 would indicate
HT6542B failure) and the keyboard interface is
enabled. The HT6542B is now ready to receive
a system command or keyboard data.
Keyboard/mouse data transmission
The keyboard/mouse transmits data to the con-
troller in an 11-bit format in sync, with the
keyboard/mouse clock signal. If this transmis-
sion is not completed within the specified pe-
riod, the HT6542B will register HEX FF into
the output buffer and set the "transmit time-
out" error bit in the STATUS REGISTER to 1.
Controller data transmission
The controller transmits data to the key-
board/mouse in the same manner as it receives
data from the keyboard/mouse. When the
HT6542B starts transmitting data and the key-
board/mouse does not start receiving (does not
start clocking) or data transmission is not com-
pleted within 15ms, the HT6542B will register
HEX FE into the output buffer and set the
"transmit time-out" error bit in the STATUS
REGISTER to 1.
Keyboard inhibited (KBD-INH to low)
If the KBD-INH is switched to low, the key-
board/mouse is inhibited. The HT6542B receive
keyboard/mouse code and check the KBD-INH
status, if inhibited the keyboard SCAN CODE
and mouse code will be ignored and the key-
board/mouse command response is registered
into the HT6542B’s output buffer.
Status register notations
The STATUS REGISTER is located in HEX 64
of the I/O. It provides the HT6542B and inter-
face status to the system. The following are the
definitions for each bit:
• b0(OBF): Output buffer full
This bit is set while the HT6542B is sending
data to the output buffer and cleared when the
system reads the output buffer(I/O HEX 60H).
• b1(IBF): Input buffer full
This bit is set while the system is sending
data to the HT6542B’s input buffer and
cleared when the HT6542B reads the input
buffer data.
• b2: System flag
This bit is 0 after power-on reset, set to 1 after
self-test OK.
• b3: Command/Data
When the system writes the data to the
HT6542B from I/O 64H, this bit becomes 1.
Reset to 0 if from I/O 60H.
• b4:
This bit reflects the KBD-INH status when-
ever data is placed in the HT6542B’s output
buffer.
• b5: Auxiliary Output Buffer Full.
0: The HT6542B’s output buffer is a keyboard
data.
1: The HT6542B’s output buffer is a mouse
data.
• b6: Transmit time-out
Set to 1 when the keyboard or mouse is not
able to completely transmite data to the
HT6542B within the specified period.
• b7: Parity error
1: The HT6542B has received the key-
board/mouse code with a parity error.
(should be odd parity).
Output buffer
The output buffer is located in I/O HEX 60. It is
used to transmit keyboard/mouse code or key-
board controller response data. The output buff-
er data is valid only when OBF=1.
Input buffer
The input buffer is located in I/O HEX 60 or
HEX 64. The system writes command and data
into this port in the following categories:
• Data written to I/O HEX 64 as command
write.
• Data written to I/O HEX 60 as data write.
HT6542B
5
30th Nov ’95



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com