Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SJS830231 Datasheet(PDF) 2 Page - Amphenol Corporation

Part # SJS830231
Description  New from Amphenol PCD - Luminus Series connectors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

SJS830231 Datasheet(HTML) 2 Page - Amphenol Corporation

  SJS830231 Datasheet HTML 1Page - Amphenol Corporation SJS830231 Datasheet HTML 2Page - Amphenol Corporation SJS830231 Datasheet HTML 3Page - Amphenol Corporation SJS830231 Datasheet HTML 4Page - Amphenol Corporation SJS830231 Datasheet HTML 5Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Twist & Lock
Plug Specifications
Pin
Count
Contact
Size
Part No.
W/ Contacts
Part No.
W/O Contacts
L
(in)
D
(in)
Mated
Length
(in)
Weight
(oz)
Key
Color
Cradle
Mating Half
W/ Contacts
Shell
Size *
Contact part
number
2-Pin
22D
SJS830251
SJS830250
0.767
0.392
1.260
0.053
N/A
Black
N/A
SJS830271
5
M39029/57-354;
socket
3-Pin
16
SJS840311
SJS840310
0.784
0.602
1.270
0.092
N/A
White
SJS445000
SJS840301
SJS840321
8
M39029/57-358;
socket
SJS840341
SJS840340
0.784
0.602
1.260
0.092
ALT
Black
SJS445000
SJS840331
SJS840351
8
22D
SJS830211
SJS830210
0.779
0.392
1.270
0.053
N/A
Black
N/A
SJS830231
5
M39029/57-354;
socket
4-Pin
16
SJS840411
SJS840410
0.784
0.602
1.270
0.095
N/A
White
SJS445000
SJS840401
8
M39029/57-358;
socket
5-Pin
22D
SJS860511
SJS860510
0.742
0.602
1.270
0.092
N/A
White
SJS445000
SJS860501
SJS860521
8
M39029/57-354;
socket
SJS870511
SJS870510
0.742
0.602
1.270
0.088
N/A
N/A
SJS870521
8
M39029/58-360;
pin
8-Pin
22D
SJS830100
0.757
0.524
1.260
0.061
A
Black
SJS883000
SJS831200
SJS831220
7
M39029/57-354;
socket
SJS830101
0.757
0.524
1.260
0.061
B
Green
SJS831201
SJS831221
7
SJS830102
0.757
0.524
1.260
0.061
C
Yellow
SJS831202
SJS831222
7
9-Pin
(4) 16,
(5) 22D
SJS860911
SJS860910
0.741
0.714
1.270
0.116
N/A
White
SJS991000
SJS860901
10
M39029/57-354;
-358; socket
SJS831100
SJS831101
SJS831102
Mating Half
W/O Contacts
SJS830270
SJS840300
SJS840320
SJS840330
SJS840350
SJS830230
SJS840400
SJS860500
SJS860520
SJS870520
SJS830200
SJS830201
SJS830221
SJS830202
SJS830222
SJS860900
Pin
Count
Contact
Size
Part No.
W/O Contacts
L
(in)
D
(in)
Mated
Length
(in)
Weight
(oz)
Key
Color
Cradle
Mating Half
W/ Contacts
Shell
Size*
Contact part
number
2-Pin
22D
SJS830270
0.740
0.318
1.260
0.039
N/A
Black
N/A
SJS830251
5
M39029/58-360;
pin
3-Pin
16
SJS840300
0.755
0.550
1.270
0.067
N/A
White
SJS445000
SJS840311
8
M39029/58-364;
pin
SJS840350
0.755
0.550
1.270
0.067
ALT
Black
SJS840341
8
SJS840320
(Panel Rec.)
0.755
0.520
1.270
0.116
N/A
White
N/A
SJS840311
8
SJS840330
(Panel Rec.)
0.755
0.520
1.270
0.116
ALT
Black
N/A
SJS840341
8
22D
SJS830230
0.755
0.318
1.260
0.039
N/A
Black
N/A
SJS830211
5
M39029/58-360;
pin
4-Pin
16
SJS840400
0.755
0.550
1.270
0.067
N/A
White
SJS445000
SJS840411
8
M39029/58-364;
pin
5-Pin
22D
SJS860500
0.755
0.550
1.270
0.088
N/A
White
SJS445000
SJS860511
8
M39029/58-360;
pin
SJS860520
(Panel Rec.)
0.755
0.520
1.270
0.127
N/A
N/A
SJS860511
8
SJS870520
0.744
0.528
1.270
0.134
N/A
N/A
SJS870511
8
M39029/57-354;
socket
8-Pin
22D
SJS830200
0.768
0.448
1.260
0.048
A
Black
SJS883000
SJS831100
7
SJS830201
0.768
0.448
1.260
0.048
B
Green
SJS831101
7
SJS830202
0.768
0.448
1.260
0.048
C
Yellow
SJS831102
7
SJS830220
(Panel Rec.)
0.768
0.448
1.270
0.089
A
Black
N/A
SJS830110
7
SJS830221
(Panel Rec.)
0.768
0.448
1.270
0.089
B
Green
SJS830111
7
SJS830222
(Panel Rec.)
0.768
0.448
1.270
0.089
C
Yellow
SJS830112
7
9-Pin
(4) 16,
(5) 22D
SJS860900
0.755
0.651
1.270
0.113
N/A
White
SJS991000
SJS860911
10
M39029/58-360;
-364; pin
M39029/58-360;
pin
Part No.
W/ Contacts
SJS830271
SJS840301
SJS840351
SJS840321
(Panel Rec.)
SJS840331
(Panel Rec.)
SJS830231
SJS840401
SJS860501
SJS860521
(Panel Rec.)
SJS870521
SJS831200
SJS831201
SJS831202
SJS831220
(Panel Rec.)
SJS831221
(Panel Rec.)
SJS831222
(Panel Rec.)
SJS860901
Mating Half
W/O Contacts
SJS830250
SJS840310
SJS840340
SJS840310
SJS840340
SJS830210
SJS840410
SJS860510
SJS860510
SJS870510
SJS830100
SJS830101
SJS830102
SJS830100
SJS830101
SJS830102
SJS860910
Receptacle Specifications
TECHNICAL SPECIFICATIONS
MATERIALS
Insulator Body
Polyamide 6/6 (Nylon)
Grommet
Silicone Rubber
Contact
Retainer
Stainless Steel
PERFORMANCE
Temp Range
- 65°C to + 125°C
Insulation
Resistance
5000 Megaohms Min.
@ 500 VDC
Dielectric
Withstanding
1000 VRMS, 60 Hz @ Sea
Level
300 VRMS, 60 Hz @
50,000 ft.
Current
Ratings
Size 16: 13 Amps
Size 20: 7.5 Amps
Size 22: 5 Amps
Durability
100 Mating Cycles
Temp Cycling
5 (1) Hour Cycles:
- 65°C to + 125°C
Shock
100G Sawtooth, 6MS
Vibration
10-2000 Hz, 15G Peak
Salt Spray
5% Salt Spray
@ 95°F for 48 Hours
Humidity
10 Days @ 25°C to 65°C,
80-90% RH
Cradle Specifications
Part No.
Length
(in)
Weight
(oz)
Height
(in)
Color
For Shell Size
SJS445000
1.031
0.095
0.701
White
8
SJS883000
1.031
0.099
0.701
Black
7
SJS991000
1.031
0.099
0.846
White
10
Wire
Size
Crimp Tool
Basic Tool
Positioner
12
M22520/1-01
M22520/1-04
M81969/14-04
16
M22520/1-01
M22520/1-04
M81969/14-03
20
M22520/1-01
M22520/1-04
M81969/14-02
22D
M22520/2-01
M22520/2-09
(P)
M22520/2-07
(S)
M81969/14-01
Installation/
Removal Tool
TERMINATION ACCESSORIES
* Shell size: see back page
* Shell size: see back page
www.luminuspcd.com
email: info@luminuspcd.com
978-624-3400
Amphenol PCD



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com