Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SJS831200 Datasheet(PDF) 4 Page - Amphenol Corporation

Part # SJS831200
Description  New from Amphenol PCD - Luminus Series connectors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

SJS831200 Datasheet(HTML) 4 Page - Amphenol Corporation

  SJS831200 Datasheet HTML 1Page - Amphenol Corporation SJS831200 Datasheet HTML 2Page - Amphenol Corporation SJS831200 Datasheet HTML 3Page - Amphenol Corporation SJS831200 Datasheet HTML 4Page - Amphenol Corporation SJS831200 Datasheet HTML 5Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Product Customization
Amphenol PCD welcomes inquiries for application-specific modifications to the
standard Luminus Series connectors. This environmentally-sealed series is
continuously expanding to meet current and future customer needs.
Application-specific customization include:
High Power
Electronic Packaging
Increased Channel Sizes
Varied Wire Gauges
Custom Colors
Unique Markings
Alternate Contacts
Distinct Configurations
Alternative Alterations
Other Products from Amphenol PCD
Backshells for Circular Connectors

QPL certified to AS85049 standard

Complete range of products

Short lead-time
SIMPLUS

Standard and custom configurations

Easy to install

Interchangeable modules

Polarized (A, B, C, D, N)
www.luminuspcd.com
email: info@luminuspcd.com
978-624-3400
Amphenol PCD
Junction Modules

Meet MIL-T-81714

Multiple configurations

Environmentally-Sealed
Shell Sizes: determined by the overall
diameter (O.D.) of the receptacle in
16ths of an inch.
Example: SJS830100/SJS830200
O.D. of receptacle SJS830200 at
mating interface is 0.448.”
Shell Size = (O.D.”)/(1/16”)
=(0.448”)/(1/16”)
=7.168
=7
Round the closest whole number to
designate the mated pair as Shell
Size 7.
O.D.= 0.448”
SJS830200
REV DEC 2011

Splices developed to MIL-T-81714

Single and Multi-Contact Inline wire

Contact size available: 16, 20, 22

Designed to meet 1119 to NSA specifications

Electronic Component Splices: diodes, fuses,
capacitors, and resistors available
Mil-T-81714 Wire Splices
Shell Size Designation
CONNECTING PEOPLE + TECHNOLOGY
Amphenol PCD Headquarters
72 Cherry Hill Drive
Beverly, MA 01915 USA
info@luminuspcd.com
978-624-3400



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com