Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT6576 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT6576
Description  Advanced SCSI CHIP
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT6576 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT6576 Datasheet HTML 5Page - Holtek Semiconductor Inc HT6576 Datasheet HTML 6Page - Holtek Semiconductor Inc HT6576 Datasheet HTML 7Page - Holtek Semiconductor Inc HT6576 Datasheet HTML 8Page - Holtek Semiconductor Inc HT6576 Datasheet HTML 9Page - Holtek Semiconductor Inc HT6576 Datasheet HTML 10Page - Holtek Semiconductor Inc HT6576 Datasheet HTML 11Page - Holtek Semiconductor Inc HT6576 Datasheet HTML 12Page - Holtek Semiconductor Inc HT6576 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Microprocessor Data Bus D0-D7
(Ta=25
°C)
Symbol
Characteristic
Condition
Min.
Max.
Unit
VIH
Input High Voltage
—
2.0
VDD+0.5
V
VIL
Input Low Voltage
—
VSS–0.5
0.8
V
VOH
Output High Voltage
IOH=–4.0mA
2.4
VDD
V
VOL
Output Low Voltage
IOL=8.0mA
VSS
0.4
V
IOH
Output High Current
VOH=VDD–0.5V
–4.0
—
mA
IOL
Output Low Current
VOL=0.4V
8.0
—
mA
IIH
Input High Leakage
VIH=5.25V
—
10
µA
IIL
Input Low Leakage
VIL=VSS
—–10
µA
ITL
Tri-State Leakage
—
–10
10
µA
A0~A2, CS, EOP, IOR, IOW, RESET
(Ta=25
°C)
Symbol
Characteristic
Condition
Min.
Max.
Unit
VIH
Input High Voltage
—
2.0
VDD+0.5
V
VIL
Input Low Voltage
—
VSS–0.5
0.8
V
IIH
Input High Leakage
VIH=5.25V
10
—
µA
IIL
Input Low Leakage
VIL=VSS
–10
—
µA
DRQ, IRQ, READY,
Symbol
Characteristic
Condition
Min.
Max.
Unit
VOH
Output High Voltage
IOH=–4.0mA
2.4
VDD
V
VOL
Output Low Voltage
IOL=8.0mA
VSS
0.4
V
IOH
Output High Current
VOH=VDD–0.5V
–4.0
—
mA
IOL
Output Low Current
VOL=0.4V
8.0
—
mA
HT6576A
9
14th July ’97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com