Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

36SPA200 Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # 36SPA200
Description  Power Surface Mount Schottky Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

36SPA200 Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  36SPA200 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd 36SPA200 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd 36SPA200 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd 36SPA200 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N1142, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
•
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
36SPA200/A
Power Surface Mount Schottky Rectifier
(200V, 30Amp)
Applications:
● Switching power supply ● Redundant power subsystems ● Reverse battery protection
● Converters ● Many other high current AC/DC power supplies
Features:
•
175℃ TJ operation
•
Low reverse leakage current
•
High surge capacities
•
Low forward voltage drop
•
High frequency operation
•
Low profile surface mount package
•
This is a Pb − Free Device
•
All SMC parts are traceable to the wafer lot
•
Additional testing can be offered upon request
Mechanical Dimensions: In Inches / mm


Similar Part No. - 36SPA200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
36SNS ETC-36SNS Datasheet
66Kb / 1P
Custom Wire Services
1/29/20
More results

Similar Description - 36SPA200

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRA140 ONSEMI-MBRA140 Datasheet
72Kb / 4P
Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 5
MBRA210LT3 ONSEMI-MBRA210LT3 Datasheet
46Kb / 8P
Surface Mount Schottky Power Rectifier
December, 2002 - Rev. 3
MBRA340T3 ONSEMI-MBRA340T3 Datasheet
49Kb / 6P
Surface Mount Schottky Power Rectifier
July, 2004 ??Rev. 2
MBRA120LT3 ONSEMI-MBRA120LT3 Datasheet
42Kb / 4P
Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 1
MBR140SFT1 ONSEMI-MBR140SFT1 Datasheet
61Kb / 6P
Surface Mount Schottky Power Rectifier
September, 2003 ??Rev. 2
MBRS2040LT3 ONSEMI-MBRS2040LT3 Datasheet
96Kb / 6P
Surface Mount Schottky Power Rectifier
December, 2003 ??Rev. 3
MBRA210ET3 ONSEMI-MBRA210ET3_08 Datasheet
100Kb / 5P
Surface Mount Schottky Power Rectifier
August, 2008 ??Rev. 6
MBRS3100T3G ONSEMI-MBRS3100T3G Datasheet
97Kb / 4P
Surface Mount Schottky Power Rectifier
October, 2010 ??Rev. 3
SBR80520LT1G ONSEMI-SBR80520LT1G Datasheet
152Kb / 4P
Surface Mount Schottky Power Rectifier
January, 2012 ??Rev. 6
NRVBS3200T3G ONSEMI-NRVBS3200T3G Datasheet
96Kb / 4P
Surface Mount Schottky Power Rectifier
June, 2012 ??Rev. 5
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com