Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF28N60M2 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STF28N60M2
Description  N-channel 600 V, 0.135 typ., 22 A MDmesh II Plus low Qg Power MOSFETs in TO-220FP, I2PAKFP packages
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF28N60M2 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STF28N60M2 Datasheet HTML 7Page - STMicroelectronics STF28N60M2 Datasheet HTML 8Page - STMicroelectronics STF28N60M2 Datasheet HTML 9Page - STMicroelectronics STF28N60M2 Datasheet HTML 10Page - STMicroelectronics STF28N60M2 Datasheet HTML 11Page - STMicroelectronics STF28N60M2 Datasheet HTML 12Page - STMicroelectronics STF28N60M2 Datasheet HTML 13Page - STMicroelectronics STF28N60M2 Datasheet HTML 14Page - STMicroelectronics STF28N60M2 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
DocID025255 Rev 2
13/14
STF28N60M2, STFI28N60M2
Revision history
14
5
Revision history
Table 11. Document revision history
Date
Revision
Changes
13-Sep-2013
1
First release.
29-Jan-2014
2
– Added: I
2
PAKFP package
– Modified: title, I
D
value and features in cover page
– Modified: I
D
, I
DM
and P
TOT
values in
Table 2
– Modified: note
3
– Modified: R
thj-case
value in
Table 3
– Modified: the entire typical values in
Table 4, 6, 7 and 8
– Modified: R
DS(on)
typical value
– Modified:
Figure 7 and 8
– Updated:
Table 9 and Figure 14
– Added:
Section 4: Package mechanical data
– Minor text changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com