Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STFI28N60M2 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STFI28N60M2
Description  N-channel 600 V, 0.135 typ., 22 A MDmesh II Plus low Qg Power MOSFETs in TO-220FP, I2PAKFP packages
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFI28N60M2 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STFI28N60M2 Datasheet HTML 2Page - STMicroelectronics STFI28N60M2 Datasheet HTML 3Page - STMicroelectronics STFI28N60M2 Datasheet HTML 4Page - STMicroelectronics STFI28N60M2 Datasheet HTML 5Page - STMicroelectronics STFI28N60M2 Datasheet HTML 6Page - STMicroelectronics STFI28N60M2 Datasheet HTML 7Page - STMicroelectronics STFI28N60M2 Datasheet HTML 8Page - STMicroelectronics STFI28N60M2 Datasheet HTML 9Page - STMicroelectronics STFI28N60M2 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Electrical characteristics
STF28N60M2, STFI28N60M2
6/14
DocID025255 Rev 2
2.1
Electrical characteristics (curves)
Figure 2. Safe operating area
Figure 3. Thermal impedance
Figure 4. Output characteristics
Figure 5. Transfer characteristics
Figure 6. Gate charge vs gate-source voltage
Figure 7. Static drain-source on-resistance
ID
1
0.1
0.01
0.1
1
VDS(V)
10
(A)
Operation
in
this
area
is
Limited
by
max
R
DS(on)
10
µs
1ms
100
µs
Tj=150°C
Tc=25°C
Single pulse
10ms
100
10
AM17988v1
ID
50
30
10
0
0
5
VDS(V)
10
(A)
15
4V
5V
VGS=7, 8, 9, 10V
20
40
20
6V
AM17989v1
ID
40
20
0
0
4
VGS(V)
8
(A)
2
6
10
10
30
50
VDS=18V
AM17990v1
VGS
6
4
2
0
0
20
Qg(nC)
(V)
8
30
40
10
VDD=480V
ID=22A
12
300
200
100
0
400
500
VDS
10
VDS
(V)
AM17991v1
RDS(on)
0.134
0.132
0.130
0
8
ID(A)
(
Ω)
4
12
0.136
VGS=10V
16
0.138
0.140
0.142
20
AM17992v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com