Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STFI40N60M2 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STFI40N60M2
Description  N-channel 600 V, 0.078 typ., 34 A MDmesh II Plus low Qg Power MOSFETs in D2PAK, TO-220 and TO-247 packages
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFI40N60M2 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STFI40N60M2 Datasheet HTML 13Page - STMicroelectronics STFI40N60M2 Datasheet HTML 14Page - STMicroelectronics STFI40N60M2 Datasheet HTML 15Page - STMicroelectronics STFI40N60M2 Datasheet HTML 16Page - STMicroelectronics STFI40N60M2 Datasheet HTML 17Page - STMicroelectronics STFI40N60M2 Datasheet HTML 18Page - STMicroelectronics STFI40N60M2 Datasheet HTML 19Page - STMicroelectronics STFI40N60M2 Datasheet HTML 20Page - STMicroelectronics STFI40N60M2 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
Revision history
STB40N60M2, STP40N60M2, STW40N60M2
20/21
DocID024932 Rev 3
6
Revision history
Table 13. Document revision history
Date
Revision
Changes
01-Jul-2013
1
First release.
23-Sep-2013
2
– Added: TO-220FP and I
2
PAKFP packages
– Inserted: V
ISO
in
Table 2
– Modified: values in
Table 4, the entire typical values in Table 6, 7
and
8
– Updated:
Section 4: Package mechanical data
– Minor text changes
13-May-2014
3
– The part numbers STF40N60M2 and STFI40N60M2 have been
moved to a separate datasheet
– Minor text changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com