Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP40N60M2 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STP40N60M2
Description  N-channel 600 V, 0.078 typ., 34 A MDmesh II Plus low Qg Power MOSFETs in D2PAK, TO-220 and TO-247 packages
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP40N60M2 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STP40N60M2 Datasheet HTML 2Page - STMicroelectronics STP40N60M2 Datasheet HTML 3Page - STMicroelectronics STP40N60M2 Datasheet HTML 4Page - STMicroelectronics STP40N60M2 Datasheet HTML 5Page - STMicroelectronics STP40N60M2 Datasheet HTML 6Page - STMicroelectronics STP40N60M2 Datasheet HTML 7Page - STMicroelectronics STP40N60M2 Datasheet HTML 8Page - STMicroelectronics STP40N60M2 Datasheet HTML 9Page - STMicroelectronics STP40N60M2 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Electrical characteristics
STB40N60M2, STP40N60M2, STW40N60M2
6/21
DocID024932 Rev 3
2.1
Electrical characteristics (curves)
Figure 2. Safe operating area for D2PAK and
TO-220
Figure 3. Thermal impedance D2PAK and
TO-220
ID
10
1
0.1
1
100
VDS(V)
10
(A)
Operation
in
this
ar
ea
is
Limit
ed
b
y max
R
DS(on)
10µs
100µs
1ms
10ms
0.1
Tj=150°C
Tc=25°C
Single pulse
100
AM16098v1
Figure 4. Safe operating area for TO-247
Figure 5. Thermal impedance for TO-247
ID
10
1
0.1
1
100
VDS(V)
10
(A)
10µs
100µs
1ms
10ms
0.1
Tj=150°C
Tc=25°C
Single pulse
100
AM16099v1
Figure 6. Output characteristics
Figure 7. Transfer characteristics
ID
50
30
10
0
0
5
VDS(V)
10
(A)
15
70
80
5V
6V
VGS=7, 8, 9, 10V
20
40
60
90
20
4V
AM16100v1
ID
60
40
20
0
0
4
VGS(V)
8
(A)
2
6
10
80
10
30
50
70
VDS=18V
AM16101v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com