Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX7660JC Datasheet(PDF) 1 Page - NEC

Part # NX7660JC
Description  1 480 nm EDFA APPLICATION InGaAsP STRAINED MQW DC-PBH LASER DIODE MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NX7660JC Datasheet(HTML) 1 Page - NEC

  NX7660JC Datasheet HTML 1Page - NEC NX7660JC Datasheet HTML 2Page - NEC NX7660JC Datasheet HTML 3Page - NEC NX7660JC Datasheet HTML 4Page - NEC NX7660JC Datasheet HTML 5Page - NEC NX7660JC Datasheet HTML 6Page - NEC NX7660JC Datasheet HTML 7Page - NEC NX7660JC Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DATA SHEET
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
©
1999
Document No. P14127EJ2V0DS00 (2nd edition)
Date Published September 1999 NS CP(K)
Printed in Japan
LASER DIODE
NX7460LE
1 480 nm EDFA APPLICATION
InGaAsP STRAINED MQW DC-PBH LASER DIODE MODULE
The mark
•
•
•
• shows major revised points.
DESCRIPTION
The NX7460LE is a 1 480 nm pumping laser diode module with optical isolator for an EDFA (Er Doped optical
Fiber Amplifier) that can expand the transmission span and compensate optical losses. It has a strained Multiple
Quantum Well (st-MQW) DC-PBH laser diode that features high output power, high efficiency, and stable
fundamental mode.
FEATURES
• InGaAsP strained MQW DC-PBH laser diode
• High output power
Pf = 120 mW MIN. @ IF = 550 mA CW
• Internal optical isolator, thermoelectric cooler and InGaAs monitor photo diode
• Hermetically sealed 14-pin butterfly package
• Single mode fiber pigtail
• Wide operating temperature range
TC = 0 to +65 °C
29.97±0.25
Optical Fiber (SMF)
Length: 1 m MIN.
TOP VIEW
26.04±0.13
15.24
Case
PD
LD
#7
#8
#1
#14
PIN CONNECTIONS
Function
Cooler Anode
Thermistor
PD Anode
PD Cathode
Case Ground
NC
NC
Pin No.
1
2
3
4
5
6
7
Function
NC
NC
LD Anode,
Case Ground
LD Cathode
NC
Case Ground
Cooler Cathod
Pin No.
8
9
10
11
12
13
14
PACKAGE DIMENSIONS
in millimeters
20.83±0.13
7
8
1
14
22.3
2.54
0.5
4– 2.67
φ


Similar Part No. - NX7660JC

ManufacturerPart #DatasheetDescription
logo
NEC
NX7660JC NEC-NX7660JC Datasheet
65Kb / 12P
InGaAsP STRAINED DC-PBH LASER DIODE MODULE 1 625 nm TELEMETRY APPLICATION
NX7660JC NEC-NX7660JC Datasheet
97Kb / 12P
1 510 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW DC-PBH LASER DIODE MODULE
NX7660JC-BA NEC-NX7660JC-BA Datasheet
65Kb / 12P
InGaAsP STRAINED DC-PBH LASER DIODE MODULE 1 625 nm TELEMETRY APPLICATION
NX7660JC-CA NEC-NX7660JC-CA Datasheet
65Kb / 12P
InGaAsP STRAINED DC-PBH LASER DIODE MODULE 1 625 nm TELEMETRY APPLICATION
More results

Similar Description - NX7660JC

ManufacturerPart #DatasheetDescription
logo
NEC
NDL7503P NEC-NDL7503P Datasheet
60Kb / 8P
InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE 1310nm OTDR APPLICATION
NDL7513P NEC-NDL7513P Datasheet
63Kb / 8P
InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE 1310nm OTDR APPLICATION
NDL7514P NEC-NDL7514P Datasheet
63Kb / 8P
InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE 1310nm OTDR APPLICATION
NDL7553P NEC-NDL7553P Datasheet
66Kb / 8P
InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE 1550nm OTDR APPLICATION
NDL7563P NEC-NDL7563P Datasheet
61Kb / 8P
InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE 1550nm OTDR APPLICATION
NDL7564P NEC-NDL7564P Datasheet
60Kb / 8P
InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE 1550nm OTDR APPLICATION
NX7660JC NEC-NX7660JC Datasheet
65Kb / 12P
InGaAsP STRAINED DC-PBH LASER DIODE MODULE 1 625 nm TELEMETRY APPLICATION
NDL7513P NEC-NDL7513P_00 Datasheet
29Kb / 3P
InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE FOR 1310 nm OTDR APPLICATION
NDL7514P NEC-NDL7514P_00 Datasheet
28Kb / 2P
1310 nm InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE
NDL7553P NEC-NDL7553P_00 Datasheet
29Kb / 3P
InGaAsP STRAINED MQW DC-PBH PULSED LASER DIODE MODULE FOR 1550 nm OTDR APPLICATION
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com