Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7133A Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT7133A
Description  High Voltage Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7133A Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT7133A Datasheet HTML 1Page - Holtek Semiconductor Inc HT7133A Datasheet HTML 2Page - Holtek Semiconductor Inc HT7133A Datasheet HTML 3Page - Holtek Semiconductor Inc HT7133A Datasheet HTML 4Page - Holtek Semiconductor Inc HT7133A Datasheet HTML 5Page - Holtek Semiconductor Inc HT7133A Datasheet HTML 6Page - Holtek Semiconductor Inc HT7133A Datasheet HTML 7Page - Holtek Semiconductor Inc HT7133A Datasheet HTML 8Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Block Diagram
Pin Assignment
Pad Assignment
Pad Coordinates
Unit: mm
Pad No.
X
Y
1
-480.00
-451.50
2
87.50
-444.50
3
482.00
-444.50
Chip size: 1374´1294 (mm)2
* The IC substrate should be connected to VDD in the PCB layout artwork.
HT71XX
2
August 8, 2000
VOUT
VIN
GND
Vref
VO U T
GN D VI N
TO - 9 2
GN D
VI N
VO U T
SO T - 8 9
HT 7 1 X X A
F r ont V i e w
Bo t t o m V i e w
HT 7 1 X X
1
2
3
(0 , 0 )



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com