Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7533 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT7533
Description  High Driver Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7533 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT7533 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7533 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7533 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7533 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7533 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7533 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7533 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7533 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7533 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
HT75XX
High Driver Regulator
Selection Table
Part No.
Output Voltage
Tolerance
HT7530
3.0V
±5%
HT7533
3.3V
±5%
HT7536
3.6V
±5%
HT7544
4.4V
±5%
HT7550
5.0V
±5%
HT7580
8.0V
±5%
1
May 2, 2000
Features
·
Low power consumption
·
Low voltage drop
·
Low temperature coefficient
·
High input voltage (up to 24V)
·
High output current : 100mA (Pd £ 250mW)
·
TO-92 and SOT-89 package
Applications
·
Battery-powered equipment
·
Communication equipment
·
Audio/Video equipment
General Description
The HT75XX series is a set of three-terminal
high current low voltage regulator imple-
mented in CMOS technology. They can deliver
100mA output current and allow an input volt-
age as high as 24V. They are available with sev-
eral fixed output voltages ranging from 3.0V to
8V. CMOS technology ensures low voltage drop
and low quiescent current.
Although designed primarily as fixed voltage
regulators, these devices can be used with ex-
ternal components to obtain variable voltages
and currents.


Similar Part No. - HT7533

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7533 HOLTEK-HT7533 Datasheet
85Kb / 4P
100mA Voltage Regulator
November 29, 2002
logo
ZP Semiconductor
HT7533 ZPSEMI-HT7533 Datasheet
351Kb / 9P
High Driver Regulator
logo
ARTSCHIP ELECTRONICS CO...
HT7533 ARTSCHIP-HT7533 Datasheet
201Kb / 7P
High Driver Regulator
logo
DONGGUAN YOU FENG WEI E...
HT7533 YFWDIODE-HT7533 Datasheet
2Mb / 8P
Low Dropout Regulators
logo
Multicomp Pro
HT7533 MULTICOMP-HT7533 Datasheet
245Kb / 3P
High Driver LDO Regulator
29/07/24 V1.0
More results

Similar Description - HT7533

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT7500 UTC-UT7500 Datasheet
213Kb / 7P
HIGH DRIVER REGULATOR
UT7500 UTC-UT7500_10 Datasheet
213Kb / 7P
HIGH DRIVER REGULATOR
UT7500 UTC-UT7500_12 Datasheet
275Kb / 7P
HIGH DRIVER REGULATOR
logo
ZP Semiconductor
HT7533 ZPSEMI-HT7533 Datasheet
351Kb / 9P
High Driver Regulator
HT7544 ZPSEMI-HT7544 Datasheet
351Kb / 9P
High Driver Regulator
HT7550 ZPSEMI-HT7550 Datasheet
351Kb / 9P
High Driver Regulator
HT7580 ZPSEMI-HT7580 Datasheet
351Kb / 9P
High Driver Regulator
logo
Unisonic Technologies
UT7500 UTC-UT7500_17 Datasheet
239Kb / 7P
HIGH DRIVER REGULATOR
logo
Guangdong Kexin Industr...
KA10O1XX KEXIN-KA10O1XX Datasheet
254Kb / 5P
High Driver Regulator
logo
ARTSCHIP ELECTRONICS CO...
HT75XX ARTSCHIP-HT75XX Datasheet
201Kb / 7P
High Driver Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com