Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7660 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT7660
Description  CMOS Switched-Capacitor Voltage Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7660 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT7660 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7660 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7660 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7660 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7660 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7660 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7660 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7660 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7660 Datasheet HTML 9Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Absolute Maximum Ratings
Supply Voltage ..............................-0.3V to 13V
Operating Temperature ..............-40°Cto85°C
Storage Temperature.................-50°Cto125°C
Note: These are stress ratings only. Stresses exceeding the range specified under ²Absolute Maxi-
mum Ratings² may cause substantial damage to the device. Functional operation of this device
at other conditions beyond those listed in the specification is not implied and prolonged expo-
sure to extreme conditions may affect device reliability.
Electrical Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
VDD
Operating Voltage
¾¾
3
¾
12
V
ISTB
Standby Current
3V
No load
¾
26
100
mA
5V
¾
80
160
fOSC
System Frequency
3V
¾
2.5
4
¾
kHz
5V
5
10
¾
ROUT
Output Source Resistance
3V IOUT=10mA
¾
97
150
W
5V IOUT=20mA
¾
60
100
VCON-EFF
Voltage Conversion Efficiency
3V
No load
99
¾¾
%
5V
99
99.9
¾
PEFF
Power Efficiency
3V
RL=5kW
96
¾¾
%
5V
96
98
¾
HT7660
3
November 30, 1999



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com