Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NNCD10F Datasheet(PDF) 1 Page - NEC

Part # NNCD10F
Description  ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES DOUBLE TYPE, ANODE COMMON 3PIN MINI MOLD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NNCD10F Datasheet(HTML) 1 Page - NEC

  NNCD10F Datasheet HTML 1Page - NEC NNCD10F Datasheet HTML 2Page - NEC NNCD10F Datasheet HTML 3Page - NEC NNCD10F Datasheet HTML 4Page - NEC NNCD10F Datasheet HTML 5Page - NEC NNCD10F Datasheet HTML 6Page - NEC NNCD10F Datasheet HTML 7Page - NEC NNCD10F Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©
1996
DATA SHEET
E.S.D NOISE CLIPPING DIODES
NNCD3.3F to NNCD12F
This product series is a diode developed for E.S.D (Electrostatic
Discharge) noise protection. Based on the IEC1000-4-2 test on
electromagnetic interference (EMI), the diode assures an endur-
ance of no less than 30 kV, thus making itself most suitable for
external interface circuit protection.
Type NNCD3.3F to NNCD12F Series include two elements in
3PIN Mini Mold Package having allowable power dissipation of
200 mW.
FEATURES
•
Based on the electrostatic discharge immunity test (IEC1000-4-
2), the product assures the minimum endurance of 30 kV.
•
Based on the reference supply of the set, the product achieves
a series over a wide range (15 product name lined up).
APPLICATIONS
•
External interface circuit E.S.D protection.
•
Circuits for Waveform clipper, Surge absorber.
Document No. D11774EJ2V0DS00 (2nd edition)
Date Published December 1996 N
Printed in Japan
PACKAGE DIMENSIONS
(in millimeters)
ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES
(DOUBLE TYPE, ANODE COMMON)
3PIN MINI MOLD
MAXIMUM RATINGS (TA = 25
°C)
Power Dissipation
P
200 mW
(Total)
Surge Reverse Power
PRSM
100 W (tT = 10
µs 1 pulse) Fig. 6
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
–55
°C to +150 °C
2.8 ± 0.2
1.5
0.65
+0.1
–0.15
3
Marking
2
1
2
3
A
K2
K1
1
PIN CONNECTION
1. K1: Cathode 1
2. K2: Cathode 2
3. A : Anode (common)
SC-59 (EIAJ)


Similar Part No. - NNCD10F

ManufacturerPart #DatasheetDescription
logo
NEC
NNCD10A NEC-NNCD10A Datasheet
47Kb / 8P
ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 400 mW TYPE
NNCD10B NEC-NNCD10B Datasheet
43Kb / 8P
ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 500 mW TYPE
NNCD10C NEC-NNCD10C Datasheet
41Kb / 8P
ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 150 mW TYPE
NNCD10D NEC-NNCD10D Datasheet
41Kb / 8P
ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 200 mW TYPE
logo
Renesas Technology Corp
NNCD10DA RENESAS-NNCD10DA Datasheet
227Kb / 8P
ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODE 2-PIN SUPER MINI MOLD
More results

Similar Description - NNCD10F

ManufacturerPart #DatasheetDescription
logo
NEC
NNCD6.8RH NEC-NNCD6.8RH Datasheet
48Kb / 6P
LOW CAPACITANCE TYPE ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODE (QUARTO TYPE: COMMON ANODE) 5-PIN SUPER SMALL MINI MOLD
NNCD6.8RL NEC-NNCD6.8RL Datasheet
37Kb / 5P
5-PIN SUPER SMALL MINI MOLD (FLAT LEAD TYPE) ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODE (QUAD TYPE: COMMON ANODE)
NNCD68PG NEC-NNCD68PG Datasheet
36Kb / 6P
LOW CAPACITANCE TYPE ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODE QUARTO TYPE: COMMON ANODE 5-PIN MINI MOLD
NNCD68PH NEC-NNCD68PH Datasheet
39Kb / 6P
LOW CAPACITANCE TYPE ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODE QUARTO TYPE: COMMON ANODE 5-PIN SUPER SMALL MINI MOLD
NNCD68PL NEC-NNCD68PL Datasheet
38Kb / 5P
5-PIN SUPER SMALL MINI MOLD FLAT LEAD TYPE ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODE QUAD TYPE: COMMON ANODE
NNCD68RG NEC-NNCD68RG Datasheet
46Kb / 6P
LOW CAPACITANCE TYPE ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODE QUARTO TYPE: COMMON ANODE 5-PIN MINI MOLD
logo
Renesas Technology Corp
NNCD2.0DA RENESAS-NNCD2.0DA Datasheet
227Kb / 8P
ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODE 2-PIN SUPER MINI MOLD
logo
NEC
NNCD27G NEC-NNCD27G Datasheet
41Kb / 8P
ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES (QUARTO TYPE : COMMON ANODE) 5 PIN MINI MOLD
NNCD56LG NEC-NNCD56LG Datasheet
49Kb / 8P
LOW CAPACITANCE TYPE ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES (QUARTO TYPE: COMMON ANODE) 5-PIN MINI MOLD
NNCD56LH NEC-NNCD56LH Datasheet
49Kb / 8P
LOW CAPACITANCE TYPE ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES (QUARTO TYPE: COMMON ANODE) 5-PIN SUPER SMALL MINI MOLD
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com