Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT814D0 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT814D0
Description  8.4-Second LOG-PCM Speech
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT814D0 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT814D0 Datasheet HTML 1Page - Holtek Semiconductor Inc HT814D0 Datasheet HTML 2Page - Holtek Semiconductor Inc HT814D0 Datasheet HTML 3Page - Holtek Semiconductor Inc HT814D0 Datasheet HTML 4Page - Holtek Semiconductor Inc HT814D0 Datasheet HTML 5Page - Holtek Semiconductor Inc HT814D0 Datasheet HTML 6Page - Holtek Semiconductor Inc HT814D0 Datasheet HTML 7Page - Holtek Semiconductor Inc HT814D0 Datasheet HTML 8Page - Holtek Semiconductor Inc HT814D0 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Pad Description
Pad No.
Pad Name
I/O
Internal
Connection
Description
1~3
KEY10~KEY12
I
Pull-high
Trigger key, active low. Key features such as
debounce time, pull-high resistance and repeat
(by mask option)
4
VDD
¾¾
Positive power supply
5
AUD
O
PMOS
Open Drain Voice output for driving an external transistor
6
OSC2
O
¾
Oscillator output pin
7
OSC1
I
¾
Oscillator input pin
8
FLAG1
O
NMOS
Open Drain
3HzB/6HzB flash output, busy output,
end-pulse or voice output indication (by mask
option). Open drain, active low output.
9
VSS
¾¾
Negative power supply, ground
10
FLAG2
O
NMOS
Open Drain
3Hz/6Hz flash output or busy output (by mask
option). Open drain, active low output.
11~19
KEY1~KEY9
I
Pull-high
Trigger key, active low. Key features such as
debounce time, pull-high resistance and repeat
(by mask option)
Absolute Maximum Ratings
Supply Voltage ................................-0.3V to 6V
Storage Temperature ................-50°Cto125°C
Input Voltage ............... VSS-0.3V to VDD+0.3V
Operating Temperature .............-20°Cto70°C
Note: These are stress ratings only. Stresses exceeding the range specified under ²Absolute Maxi-
mum Ratings² may cause substantial damage to the device. Functional operation of this device
at other conditions beyond those listed in the specification is not implied and prolonged expo-
sure to extreme conditions may affect device reliability.
HT814D0
4
March 15, 2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com