Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT817D0 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT817D0
Description  16.8-Second LOG-PCM Speech
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT817D0 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT817D0 Datasheet HTML 1Page - Holtek Semiconductor Inc HT817D0 Datasheet HTML 2Page - Holtek Semiconductor Inc HT817D0 Datasheet HTML 3Page - Holtek Semiconductor Inc HT817D0 Datasheet HTML 4Page - Holtek Semiconductor Inc HT817D0 Datasheet HTML 5Page - Holtek Semiconductor Inc HT817D0 Datasheet HTML 6Page - Holtek Semiconductor Inc HT817D0 Datasheet HTML 7Page - Holtek Semiconductor Inc HT817D0 Datasheet HTML 8Page - Holtek Semiconductor Inc HT817D0 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Electrical Characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾¾
3.6
¾
5.0
V
IDD
Operating Current
3V
No load
¾
200
400
mA
ISTB
Standby Current
3V
¾¾
13
mA
IO
Max. AUD Output Current
3V
VOH=0.6V
-1.5
-2
¾
mA
IOL
FLAG Sink Current
3V
VOL=0.3V
1.5
3.0
¾
mA
VIH
²H² Input Voltage
¾¾
0.8VDD
¾
VDD
V
VIL
²L² Input Voltage
¾¾
0
¾
0.2VDD
V
fOSC
Oscillating Frequency
3V
ROSC=530kW
76
96
116
kHz
HT817D0
5
March 15, 2000
Functional Description
The HT817D0 is a mask ROM type voice synthe-
sizer with 16.8-second voice capacity. A group of
pre-recorded voice sections is played upon receipt
of key trigger input signals. Two FLAG signals
are output while playing voices.
The 16.8-second voice capacity can be divided
into sections of arbitrary length. Notice that the
silence length and end-pulse width are not in-
cluded in the memory.
By using Holtek¢s programming tools, the con-
tents and arrangement of sections, as well as
key features and FLAG output are all program-
mable before device fabrication.
The IC provides 12 key inputs (KEY1~KEY12).
Of the 12 keys, KEY1 can be optioned as a di-
rect, sequential or random trigger key. KEY12
can be selected as a stop or direct key. As for the
remaining 10 keys (KEY2~KEY11), they are
used as direct keys exclusively.
Play function block diagram
System oscillator
The HT817D0 has a built-in RC oscillator
which requires only one external resistor for
normal applications. The oscillator frequency
is typically 96kHz for an external resistor of
530kW. The required oscillator frequency may
vary with different sampling rates in the pro-
cess of voice programming. As a result, the
value of the oscillator resistor may be differ-
ent for different items.
Ke y
t ri g ger
Ke y
f eat ures
opt i o n
Ke y
fu n c ti o n
ta b l e
RO M
Vo i c e
RO M
D/ A
P l ay i ng c ont rol l og i c
Fl a g
out put
V DD
OS C 1
OS C 2
HT 8 1 7 D0
R OS C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com