Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT819D0 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT819D0
Description  4.2 Second LOG-PCM Speech
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT819D0 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT819D0 Datasheet HTML 1Page - Holtek Semiconductor Inc HT819D0 Datasheet HTML 2Page - Holtek Semiconductor Inc HT819D0 Datasheet HTML 3Page - Holtek Semiconductor Inc HT819D0 Datasheet HTML 4Page - Holtek Semiconductor Inc HT819D0 Datasheet HTML 5Page - Holtek Semiconductor Inc HT819D0 Datasheet HTML 6Page - Holtek Semiconductor Inc HT819D0 Datasheet HTML 7Page - Holtek Semiconductor Inc HT819D0 Datasheet HTML 8Page - Holtek Semiconductor Inc HT819D0 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Pin Assignment
Block Diagram
Pad Coordinates
Unit:
µm
Pad
No.
XY
Pad
No.
XY
1
–885.05
522.30
8
1008.85 –710.50
2
–885.05
344.50
9
905.45
660.50
3
–1005.05
–710.50
10
628.05
660.50
4
–229.95
–660.50
11
296.45
660.50
5
62.35
–660.50
12
–333.95
660.50
6
526.75
–660.50
13
–665.55
660.50
7
833.85
–660.50
Chip size: 2290
× 1750 (µm)2
* The IC substrate should be connected to VSS in the PCB layout artwork.
Pin Description
Pin No.
Pin Name
I/O
Internal
Connection
Description
1
OSC1
I
—
Oscillator input pin
2
FLAG1
O
NMOS
Open Drain
3HzB/6HzB flash output, busy output, end-pulse
or voice output indication (by code option). Open
drain, active low output
3
VSS
I
—
Negative power supply (GND)
4
FLAG2
O
NMOS
Open Drain
3Hz/6Hz flash output or busy output (by code
option). Open drain, active low output
5, 12, 13
NC
—
—
No connection
HT819D0
2
6th May ’98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com