Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT827A0 Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT827A0
Description  8-Bit Microcontroller with Voice ROM
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT827A0 Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT827A0 Datasheet HTML 17Page - Holtek Semiconductor Inc HT827A0 Datasheet HTML 18Page - Holtek Semiconductor Inc HT827A0 Datasheet HTML 19Page - Holtek Semiconductor Inc HT827A0 Datasheet HTML 20Page - Holtek Semiconductor Inc HT827A0 Datasheet HTML 21Page - Holtek Semiconductor Inc HT827A0 Datasheet HTML 22Page - Holtek Semiconductor Inc HT827A0 Datasheet HTML 23Page - Holtek Semiconductor Inc HT827A0 Datasheet HTML 24Page - Holtek Semiconductor Inc HT827A0 Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
HT827A0
21
March 15, 2000
TMRH will write the data and the content of the
low byte buffer into the timer/event counter
preload register (16-bit) simultaneously. The
timer/event counter preload register is changed
by writing TMRH operations and writing TMRL
will keep the timer/event counter preload register
unchanged.
Reading TMRH will also latch the TMRL into
the low byte buffer to avoid the false timing
problem. Reading TMRL returns the content of
the low byte buffer. In other words, the low byte
of the timer/event counter can not be read di-
rectly. It must read the TMRH first to make the
low byte content of the timer/event counter
latched into the buffer.
For the 8-bit timer/event counter, TMRH is unde-
fined. Writing TMRL makes the starting value be
placed in the timer/event counter preload register
and reading it gets the contents of the
timer/event counter. TMRC is a timer/event
counter control register which defines some op-
tions.
The TM0 and TM1 bits define the operation
mode. The event counting mode counts external
events, indicating that the source of the clock is
from an external (TMR) pin. The timer mode
functions as a normal timer with the clock
source coming from an instruction clock. The
pulse width measurement mode can be used to
count a high to low level duration of an external
signal (TMR). This counting is based on the in-
struction clock.
In the event counting or timer mode, after the
timer/event counter starts counting, it will count
from its current contents to FFFFH for 16-bit
timer/event counter or FFH for 8-bit timer/event
counter. Once an overflow occurs, the counter is
reloaded from the timer/event counter preload
register and generates an interrupt request flag
(TF; bit 6 of INTC).
In the pulse width measurement mode with the
TON and TE bits equal to one, after TMR tran-
sition from low to high (or high to low when the
TE bit is ²0²), it will start counting till it returns
to the original level and resets the TON. The
measured result still remains in the
timer/event counter even when the activated
transition re-occurs. In other words, only one
cycle can be measured till TON is set. The cycle
measurement will go on functioning as long as
further transient pulses are received. In this
operation mode, the timer/event counter starts
counting not according to the logic level but to
the transient edges. In the case of a counter
overflow, the counter is reloaded from the
timer/event counter preload register and issues
an interrupt request, like the other two modes.
The timer ON bit (TON; bit 4 of TMRC) should
be set to 1 to enable a counting operation. In the
pulse width measurement mode, TON will be
cleared automatically after the measurement
cycle is completed. In the other two modes,
TON can be reset only by instructions. The
overflow of the timer/event counter is one of the
wake-up sources. Writing a ²0² to ETI will dis-
able the interrupt service no matter what kind
of operation mode is chosen.
In the case of the timer/event counter OFF con-
dition, writing data to the timer/event counter
preload register will also reload it to the
timer/event counter. Data written to the
timer/event counter will however be kept in the
timer/event counter preload register if the
timer/event counter is turned on. It will keep on
operating till an overflow occurs.
The clock will be blocked to avoid errors when
the timer/event counter (reading TMR) is read.
The programmer should take the counting er-
ror into account since clock blocking may result
in a counting error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com