Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NNCD11F Datasheet(PDF) 2 Page - NEC

Part # NNCD11F
Description  ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES DOUBLE TYPE, ANODE COMMON 3PIN MINI MOLD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NNCD11F Datasheet(HTML) 2 Page - NEC

  NNCD11F Datasheet HTML 1Page - NEC NNCD11F Datasheet HTML 2Page - NEC NNCD11F Datasheet HTML 3Page - NEC NNCD11F Datasheet HTML 4Page - NEC NNCD11F Datasheet HTML 5Page - NEC NNCD11F Datasheet HTML 6Page - NEC NNCD11F Datasheet HTML 7Page - NEC NNCD11F Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NNCD3.3F to NNCD12F
2
ELECTRICAL CHARACTERISTICS (TA = 25 ˚C) (A-K1, A-K2)
Type Number
Breakdown VoltageNote 1
Dynamic
Reverse Leakage
Capacitance
E.S.D Voltage
VBR (V)
ImpedanceNote 2
IR (
µA)
Ct (pF)
(kV)
Zz (
Ω)
MIN.
MAX.
IT (mA)
MAX.
IT (mA)
MAX.
VR (V)
TYP.
TEST
MIN.
TEST
CONDITION
CONDITION
NNCD3.3F
3.10
3.50
5
130
5
20
1.0
220
30
NNCD3.6F
3.40
3.80
5
130
5
10
1.0
210
30
NNCD3.9F
3.70
4.10
5
130
5
10
1.0
200
30
NNCD4.3F
4.01
4.48
5
130
5
10
1.0
180
30
NNCD4.7F
4.42
4.90
5
130
5
10
1.0
170
30
NNCD5.1F
4.84
5.37
5
130
5
5
1.5
160
30
C = 150 pF
NNCD5.6F
5.31
5.92
5
80
5
5
2.5
140
VR = 0 V
30
R = 330
Ω
NNCD6.2F
5.86
6.53
5
50
5
2
3.0
120
f = 1 MHz
30
(IEC1000
NNCD6.8F
6.47
7.14
5
30
5
2
3.5
110
30
-4-2)
NNCD7.5F
7.06
7.84
5
30
5
2
4.0
90
30
NNCD8.2F
7.76
8.64
5
30
5
2
5.0
90
30
NNCD9.1F
8.56
9.55
5
30
5
2
6.0
90
30
NNCD10F
9.45
10.55
5
30
5
2
7.0
80
30
NNCD11F
10.44
11.56
5
30
5
2
8.0
70
30
NNCD12F
11.42
12.60
5
35
5
2
9.0
70
30
Notes 1. Tested with pulse (40 ms)
2. Zz is measured at IT give a small A.C. signal.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com