Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82M39A Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT82M39A
Description  3D PS/2 Mouse Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82M39A Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT82M39A Datasheet HTML 1Page - Holtek Semiconductor Inc HT82M39A Datasheet HTML 2Page - Holtek Semiconductor Inc HT82M39A Datasheet HTML 3Page - Holtek Semiconductor Inc HT82M39A Datasheet HTML 4Page - Holtek Semiconductor Inc HT82M39A Datasheet HTML 5Page - Holtek Semiconductor Inc HT82M39A Datasheet HTML 6Page - Holtek Semiconductor Inc HT82M39A Datasheet HTML 7Page - Holtek Semiconductor Inc HT82M39A Datasheet HTML 8Page - Holtek Semiconductor Inc HT82M39A Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Pin Description
Pin No.
Pin Name
I/O
Description
1, 2
Z1, Z2
I ²Z² axis input supports two kinds of scroller input; optomechanical
and mechanical.
3
VDD
I Positive power supply pin
4
NC
No connection
5
VSS
I Negative power supply pin
6
OSCI
I 2MHz RC oscillator for system frequency with external pull-high
resistor and built-in C
7
CLK
I/O ²CLK I/O²: PS/2 mouse CLK line. NMOS open drain output with
5kW pull-high resistor.
8
DATA
I/O ²DATA I/O²: PS/2 mouse DATA line. NMOS open drain output with
5kW pull-high resistor.
9~11
RB, RO, LB
I
Right Button: Normal pull-low (50kW),
Pressing the button connects to high.
Rolling Button: Normal pull-low (50kW),
Pressing the button connects to high.
Left Button: Normal pull-low (50kW),
Pressing the button connects to high.
12
TEST
I For IC manufacture testing, user should leave it floating.
13~16
X1, X2, Y1, Y2
I X/Y axis photo input with built-in Holtek¢s special dynamic photo
input resistor
Absolute Maximum Ratings
Supply Voltage..............................-0.3V to 6.5V
Storage Temperature.................-50°Cto125°C
Input Voltage.................VSS-0.3V to VDD+0.3V
Operating Temperature ..............-25°Cto70°C
Note: These are stress ratings only. Stresses exceeding the range specified under ²Absolute Maxi-
mum Ratings² may cause substantial damage to the device. Functional operation of this device
at other conditions beyond those listed in the specification is not implied and prolonged expo-
sure to extreme conditions may affect device reliability.
HT82M39A
2
August 5, 1999



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com