Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82V731 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT82V731
Description  Audio D/A Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82V731 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT82V731 Datasheet HTML 1Page - Holtek Semiconductor Inc HT82V731 Datasheet HTML 2Page - Holtek Semiconductor Inc HT82V731 Datasheet HTML 3Page - Holtek Semiconductor Inc HT82V731 Datasheet HTML 4Page - Holtek Semiconductor Inc HT82V731 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82V731 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82V731 Datasheet HTML 7Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Pin Description
Pin No.
Pin Name
I/O
Description
1
BCK
I
Bit serial clock input
2
WS
I
Word select input
3
DIN
I
Data input
4
VSS
¾
Negative power supply, ground
5
VDD
¾
Positive power supply
6
LCH
O
Left channel output
7
NC
¾
No connection
8
RCH
O
Right channel output
Electrical Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Supply Voltage
¾¾
4.5
5.0
5.5
V
IDD
Supply Current
5V
¾¾
¾
6.0
mA
VO
Maximum Output Amplitude
5V
¾¾
2.5
¾
Vpp
fBCK
Bit Clock Input Frequency
¾¾
¾
¾
18.4
MHz
fWS
Word Select Input Frequency
¾¾
¾
¾
300
kHz
THD
Total Harmonic Distortion
5V
1kHz, 0dB
¾
0.12
¾
%
DR
Dynamic Range
5V
¾¾
16
¾
Bit
S/N
Signal to Noise Ratio
5V
1kHz, 0dB
¾
82
¾
dB
CT
Cross Talk
5V
1kHz, 0dB
¾¾¾
dB
Timing Diagrams
HT82V731
Rev. 1.00
2
October 29, 2002
W S
B C K
D A T A
L S B
M S B
S a m p l e O u t
R i g h t
L e f t
t h
t f
t r
L S B + 1
M S B - 1
Timing and input signals



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com