Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX8563LB Datasheet(PDF) 3 Page - NEC

Part # NX8563LB
Description  1 480 nm EDFA APPLICATION InGaAsP STRAINED MQW DC-PBH LASER DIODE MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NX8563LB Datasheet(HTML) 3 Page - NEC

  NX8563LB Datasheet HTML 1Page - NEC NX8563LB Datasheet HTML 2Page - NEC NX8563LB Datasheet HTML 3Page - NEC NX8563LB Datasheet HTML 4Page - NEC NX8563LB Datasheet HTML 5Page - NEC NX8563LB Datasheet HTML 6Page - NEC NX8563LB Datasheet HTML 7Page - NEC NX8563LB Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Data Sheet P14127EJ2V0DS00
3
NX7460LE
ELECTRO-OPTICAL CHARACTERISTICS
(Applicable to Monitor PD: TLD = 25 °C, TC = 0 to +65 °C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Monitor Current
Im
VR = 5 V, IF = 550 mA
500
1 000
1 500
µA
Monitor Dark Current
ID
VR = 5 V
2.0
10
nA
Tracking Error
γ*1
Im = const.
0.5
dB
*1
γ = 10 log
0Im
Im
TLD = TC = 25 ˚C
(@Pf (25 ˚C) = 120 mW)
TLD = 25 ˚C
TC = 0 to +65 ˚C
Pf
(mW)
X
Pf
ELECTRO-OPTICAL CHARACTERISTICS
(Applicable to Thermistor and TEC: TLD = 25 °C, TC = 0 to +65 °C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Thermistor Resistance
R
TLD = 25 °C
9.5
10.0
10.5
k
Ω
B Constant
B
3 300
3 400
3 500
K
Cooler Current
IC
∆T = 40 K
1.0
1.25
A
Cooler Voltage
VC
∆T = 40 K
3.5
4.3
V
Cooling Capacity
∆T*1
IC = 1.25 A, IF = 660 mA
40
K
*1
∆T = TC – TLD
Pf
120 mW



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com