Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT84144 Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT84144
Description  Magic VoiceTM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT84144 Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT84144 Datasheet HTML 17Page - Holtek Semiconductor Inc HT84144 Datasheet HTML 18Page - Holtek Semiconductor Inc HT84144 Datasheet HTML 19Page - Holtek Semiconductor Inc HT84144 Datasheet HTML 20Page - Holtek Semiconductor Inc HT84144 Datasheet HTML 21Page - Holtek Semiconductor Inc HT84144 Datasheet HTML 22Page - Holtek Semiconductor Inc HT84144 Datasheet HTML 23Page - Holtek Semiconductor Inc HT84144 Datasheet HTML 24Page - Holtek Semiconductor Inc HT84144 Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
Path_Command
Description
Input statename
To active input state
Output statename
To active output state
Pathname
To execute the specified path
VAR=pathname
Define the variable path
VAR
To execute the variable path
Volume_1=n
Define the volume 1 value (n=0~15)
Volume_2=n
Define the volume 2 value (n=0~15)
Samplerate_1=n
Define the sampling rate 1 value
Samplerate_2=n
Define the sampling rate 2 value
Delay(n)
To delay n (min=0.1s) (n=0.1~65), fOSC=4MHz
TRn?H:pathname
If TRn is logic High, then the pathname is executed.
TRn?L:pathname
If TRn is logic Low, then the pathname is executed.
Flashrate=n
Set the output pulse rate to ²n² pulses per second, where n can be
assigned as 1, 2, 3, ..., 12
FlashrateT=n
Set the output pulse rate after the melody tempo,
n=1, 2, 3, ..., 12
FlashrateV=n
Set the output pulse rate after the volume,
n=1, 2, ..., 12
END
Enter power down mode
Mi=PB
Read Port B to Mi
STOP1
Stop the sound of channel 1 playback
STOP2
Stop the sound of channel 2 playback
Mi=data
Set the contents of Mi to be data
Mi=Mj
Set the contents Mi to be Mj
Mi(bn)=1 or 0
Set bit bn to be 1 or 0, bn=0~7
Mi=Mj+data
Add immediate data with Mj to Mi
Mi=Mi+Mj
Add Mi with Mj to Mi
Mi=Mj.AND.data
And immediate data with Mj to Mi, data=0~255
Mi=Mj.OR.data
OR immediate data with Mj to Mi, data=0~255
Mi=Mj.XOR.data
XOR immediate data with Mj to Mi, data=0~255
Mi?data:pathname
If Mi=data then pathname is executed
Mi?Mj:pathname
If Mi=Mj then pathname is executed.
Mi(bn)?1:pathname
If the bit bn of Mi is ²1² then the pathname is executed.
Mi(bn)?0:pathname
If the bit bn of Mi is ²0² then the pathname is executed.
HT84XXX
21
April 26, 2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com