Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT8955A Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT8955A
Description  Voice Echo
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT8955A Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT8955A Datasheet HTML 1Page - Holtek Semiconductor Inc HT8955A Datasheet HTML 2Page - Holtek Semiconductor Inc HT8955A Datasheet HTML 3Page - Holtek Semiconductor Inc HT8955A Datasheet HTML 4Page - Holtek Semiconductor Inc HT8955A Datasheet HTML 5Page - Holtek Semiconductor Inc HT8955A Datasheet HTML 6Page - Holtek Semiconductor Inc HT8955A Datasheet HTML 7Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Pad Coordinates
Unit:
µm
Pad
No.
XY
Pad
No.
XY
1
–1138.00 796.50
14 1141.50 –547.00
2
–1141.00 523.50
15 1141.50 –197.50
3
–1136.50 201.50
16 1141.50 111.50
4
–1136.50 –163.00
17 1141.50 461.00
5
–1137.00 –507.00
18 1141.50 770.50
6
–1149.00 –774.00
19
896.00
811.00
7
–854.50 –853.50
20
645.00
810.50
8
–548.00 –831.50
21
435.00
794.00
9
–198.50 –831.50
21
335.00
794.00
10
111.50
–831.50
22
150.00
779.00
11
461.00
–831.50
23
–35.00
779.00
12
773.00
–831.50
25 –264.00 806.00
13
1122.50 –831.50
Chip size: 2170
× 2200 (µm)2
* The IC substrate should be connected to VSS in the PCB layout artwork.
Pin Description
Pin No. Pin Name I/O
Internal
Connection
Description
1
BIAS
O
OP Non-inverted
Internal pre-amplifier bias
Connects to a decoupling capacitor
2
IN
I
OP Inverted
Audio signal input pin (inverted)
3
PREO
O
OP OUTPUT
Pre-amplifier output pin
4
OUT
O
—
Delayed audio signal output pin
5
SEL
I
Pull-High
DRAM type selection:
VDD or Open: 64Kb
VSS: 256Kb
6
OSC1
I
—
System oscillator input
7
OSC2
O
—
System oscillator output
8
OSC3
I
—
Delay time control oscillator input
9
OSC4
O
—
Delay time control oscillator output
10
VSS
I
—
Negative power supply (GND)
11
A6
O
CMOS OUT
Connects to DRAM A6
12
A7
O
CMOS OUT
Connects to DRAM A7
HT8955A
2
5th May ’98



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com