Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX8563LB Datasheet(PDF) 3 Page - NEC

Part # NX8563LB
Description  1 550 nm CW LIGHT SOURCE InGaAsP STRAINED MQW-DFB LASER DIODE MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NX8563LB Datasheet(HTML) 3 Page - NEC

  NX8563LB Datasheet HTML 1Page - NEC NX8563LB Datasheet HTML 2Page - NEC NX8563LB Datasheet HTML 3Page - NEC NX8563LB Datasheet HTML 4Page - NEC NX8563LB Datasheet HTML 5Page - NEC NX8563LB Datasheet HTML 6Page - NEC NX8563LB Datasheet HTML 7Page - NEC NX8563LB Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
NX8562LB
ORDERING INFORMATION
Part Number
Available Connector
NX8562LB
Without Connector
NX8562LB-BA
With FC-PC Connector
NX8562LB-CA
With SC-PC Connector
ABSOLUTE MAXIMUM RATINGS (TC = 25
°°°°C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Forward Current of LD
IF
300
mA
Reverse Voltage of LD
VR
2.0
V
Forward Current of PD
IF
10
mA
Reverse Voltage of PD
VR
20
V
Operating Case Temperature
TC
−20 to +65
°C
Storage Temperature
Tstg
−40 to +85
°C
Lead Soldering Temperature (10 s)
Tsld
260
°C
ELECTRO-OPTICAL CHARACTERISTICS (TLD = 25
°°°°C, TC = −−−−20 to +65 °°°°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Laser Set Temperature
Tset
20
35
°C
Forward Voltage
VF
Pf = 20 mW
0.9
1.5
V
Threshold Current
Ith
20
40
mA
Optical Output Power from Fiber
Pf
IF = 167 mA, TLD = Tset
20
mW
Threshold Output Power from Fiber
Pth
IF = Ith
100
µW
Quantum Efficiency
η
0.13
W/A
Peak Emission Wavelength
*1
λp
Pf = 20 mW, CW, TLD = Tset
1 540
1 561
nm
Spectral Line Width
∆ν
Pf = 20 mW, CW, 3 dB down
1
2
MHz
Side Mode Suppression Ratio
SMSR
Pf = 20 mW, CW
30
35
dB
FM Response
ηFM
Pf = 20 mW
50
70
MHz/mA
Relative Intensity Noise
RIN
Pf = 20 mW, 20 MHz to 3 GHz
−150
dB/Hz
Flat frequency response
fm
Pf = 20 mW, +/
−3 dB
1.8
GHz
Polarization Extinction Ratio
*2
ext
Pf = 20 mW, CW
15
20
dB
*1 Wavelength selectable for ITU-T standards.
*2 Polarization state of LD is aligned parallel to the slow axis.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com