Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9200 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT9200
Description  DTMF Generators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9200 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT9200 Datasheet HTML 1Page - Holtek Semiconductor Inc HT9200 Datasheet HTML 2Page - Holtek Semiconductor Inc HT9200 Datasheet HTML 3Page - Holtek Semiconductor Inc HT9200 Datasheet HTML 4Page - Holtek Semiconductor Inc HT9200 Datasheet HTML 5Page - Holtek Semiconductor Inc HT9200 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9200 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9200 Datasheet HTML 8Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Pin Assignment
Pad Assignment
Pad Coordinates
Unit:
µm
Pad
No.
XY
Pad
No.
XY
1
–553.30
430.40
8
553.30
–523.50
2
–553.30 –133.50
9
553.30
–190.30
3
–553.30 –328.50
10
553.30
4.70
4
–553.30 –523.50
11
553.30
340.30
5
–220.10 –523.50
12
374.90
523.50
6
–25.10
–523.50
13
–279.30
523.50
7
308.10
–523.50
Chip size: 1460
× 1470 (µm)2
* The IC substrate should be connected to VSS in the PCB layout artwork.
Pin Description
Pin Name
I/O
Internal
Connection
Description
CE
I
CMOS IN
Pull-high
Chip enable, active low
X2
O
Oscillator
The system oscillator consists of an inverter, a bias resistor, and
the required load capacitor on chip.
The oscillator function can be implemented by Connect a
standard 3.579545MHz crystal to the X1 and X2 terminals.
X1
I
VSS
—
—
Negative power supply
NC
—
—
No connection
HT9200A/B
2
21st Aug ’98



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com