Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9274 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT9274
Description  Quad Micropower Op Amp
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9274 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT9274 Datasheet HTML 1Page - Holtek Semiconductor Inc HT9274 Datasheet HTML 2Page - Holtek Semiconductor Inc HT9274 Datasheet HTML 3Page - Holtek Semiconductor Inc HT9274 Datasheet HTML 4Page - Holtek Semiconductor Inc HT9274 Datasheet HTML 5Page - Holtek Semiconductor Inc HT9274 Datasheet HTML 6Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Pin Description
Pin No. Pin Name
I/O
Internal
Connection
Description
1
1OUT
O
CMOS OUT Output pin of the op amp 1
2
1IN-
I
PMOS IN
Inverting input pin of the op amp 1
3
1IN+
I
PMOS IN
Noninverting input pin of the op amp 1
4
VDD
¾¾
Positive power supply
5
2IN+
I
PMOS IN
Noninverting input pin of the op amp 2
6
2IN-
I
PMOS IN
Inverting input pin of the op amp 2
7
2OUT
O
CMOS OUT Output pin of the op amp 2
8
3OUT
O
CMOS OUT Output pin of the op amp 3
9
3IN-
I
PMOS IN
Inverting input pin of the op amp 3
10
3IN+
I
PMOS IN
Noninverting input pin of the op amp 3
11
VSS
¾¾
Negative power supply
12
4IN+
I
PMOS IN
Noninverting input pin of the op amp 4
13
4IN-
I
PMOS IN
Inverting input pin of the op amp 4
14
4OUT
O
CMOS OUT Output pin of the op amp 4
Absolute Maximum Ratings
Supply Voltage.................................-0.3V to 6V
Storage Temperature.................-50°Cto125°C
Input Voltage.................VSS-0.3V to VDD+0.3V
Operating Temperature ..............-20°Cto75°C
Note: These are stress ratings only. Stresses exceeding the range specified under "Absolute Maxi-
mum Ratings" may cause substantial damage to the device. Functional operation of this device
at other conditions beyond those listed in the specification is not implied and prolonged expo-
sure to extreme conditions may affect device reliability.
HT9274
3
November 23, 1999



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com