Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9302C Datasheet(PDF) 22 Page - Holtek Semiconductor Inc

Part # HT9302C
Description  1-Memory/2-Memory Tone/Pulse Dialer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9302C Datasheet(HTML) 22 Page - Holtek Semiconductor Inc

Back Button HT9302C Datasheet HTML 18Page - Holtek Semiconductor Inc HT9302C Datasheet HTML 19Page - Holtek Semiconductor Inc HT9302C Datasheet HTML 20Page - Holtek Semiconductor Inc HT9302C Datasheet HTML 21Page - Holtek Semiconductor Inc HT9302C Datasheet HTML 22Page - Holtek Semiconductor Inc HT9302C Datasheet HTML 23Page - Holtek Semiconductor Inc HT9302C Datasheet HTML 24Page - Holtek Semiconductor Inc HT9302C Datasheet HTML 25Page - Holtek Semiconductor Inc HT9302C Datasheet HTML 26Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
Package Information
16-pin DIP (300mil) outline dimensions
Symbol
Dimensions in mil
Min.
Nom.
Max.
A
745
¾
775
B
240
¾
260
C
125
¾
135
D
125
¾
145
E16
¾
20
F50
¾
70
G
¾
100
¾
H
295
¾
315
I
335
¾
375
a
0
°¾
15
°
HT9302 Series
Rev. 1.20
22
September 30, 2002
a
1 6
1
9
8
A
B
C
D
E
.
G
H
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com