Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9320B Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT9320B
Description  22-Memory Tone/Pulse Dialer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9320B Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT9320B Datasheet HTML 9Page - Holtek Semiconductor Inc HT9320B Datasheet HTML 10Page - Holtek Semiconductor Inc HT9320B Datasheet HTML 11Page - Holtek Semiconductor Inc HT9320B Datasheet HTML 12Page - Holtek Semiconductor Inc HT9320B Datasheet HTML 13Page - Holtek Semiconductor Inc HT9320B Datasheet HTML 14Page - Holtek Semiconductor Inc HT9320B Datasheet HTML 15Page - Holtek Semiconductor Inc HT9320B Datasheet HTML 16Page - Holtek Semiconductor Inc HT9320B Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
HT9320
13
July 21, 1999
Pulse number table
Keypad
Output Pulse Number
Digit Key
N
10-N
N+1
11
9
2
22
8
3
33
7
4
44
6
5
55
5
6
66
4
7
77
3
8
88
2
9
99
1
10
010
10
1
*/T
P®TP®TP®T
#
Ignored
Ignored
Ignored
DOUT BCD code
When dialing, the corresponding 4-bit BCD
codes are serially presented on DOUT from
MSB to LSB. The data of DOUT is valid at the
falling edge of the CLOCK pin. The following
table lists the BCD codes corresponding to the
keyboard input.
Key-In BCD Code Key-In BCD Code
1
0001
8
1000
2
0010
9
1001
3
0011
0
1010
4
0100
*/T
1101
5
0101
#
1100
6
0110
F
1011
7
0111
P
1110
On hook store (HT9320A/H)
When the external power supply (2V~5.5V) is
used and the HST pin is connected to VDD, the
user can store dialing numbers to the memories
(M1~M20) during on-hook state.
On/Off hook store selection table
HST Pin
Hook Store Mode
VDD (HT9320A/H)
On-hook store
Floating (HT9320A)
Off-hook store
VSS (HT9320H)
Off-hook store
Lock function (HT932L)
This function aims to detect lock dialing num-
bers to prevent from an unauthorized long dis-
tance call. The dialing output of this chip is
disabled if the first input key after on-off hook is
the lock number when the lock function is en-
abled.
International direct dialing lock (IDD lock) se-
lection table
RK51 RK61 RK71
Lock Function
No
No
No Normal dialing without
lock function
No
No
Yes To lock 0
No
Yes
¾
To lock 0, 9
Yes
¾¾
IDD lock operation by the
telephone keyboard.
(See keyboard operation)
Note: ²¾² stands for ²don¢t care²
Hand-free function operation
· Hand-free function execution
When HFO is low, a rising edge triggers the
HFI, enabling the Hand-free function (HFO
becomes high).
· Reset Hand-free function
When HFO is high, the Hand-free function is
enabled and can be reset by:
¨ Off-hook
¨ Applying a rising edge to HFI
¨ Changing the HDO pin from low to high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com