Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9302D Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT9302D
Description  1-Memory/2-Memory Tone/Pulse Dialer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9302D Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT9302D Datasheet HTML 4Page - Holtek Semiconductor Inc HT9302D Datasheet HTML 5Page - Holtek Semiconductor Inc HT9302D Datasheet HTML 6Page - Holtek Semiconductor Inc HT9302D Datasheet HTML 7Page - Holtek Semiconductor Inc HT9302D Datasheet HTML 8Page - Holtek Semiconductor Inc HT9302D Datasheet HTML 9Page - Holtek Semiconductor Inc HT9302D Datasheet HTML 10Page - Holtek Semiconductor Inc HT9302D Datasheet HTML 11Page - Holtek Semiconductor Inc HT9302D Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
HT9302 Series
Rev. 1.20
8
September 30, 2002
Pulse number table
Keypad
Output Pulse Number
Digit Key
Normal N
New
Zealand
(10
-N)
Sweden/
Denmark
(N+1)
11
9
2
22
8
3
33
7
4
44
6
5
55
5
6
66
4
7
77
3
8
88
2
9
99
1
10
010
10
1
*/T
P
®TP®TP®T
#
Ignored
Ignored
Ignored
Hand-free function operation
· Hand-free function execution
When HFO is low, a rising edge triggers the HFI, en-
abling the Hand-free function (HFO becomes high).
· Reset Hand-free function
When HFO is high, the Hand-free function is enabled
and can be reset by:
¨ Off-hook
¨ Applying a rising edge to HFI
¨ Changing the HDO pin from low to high
· Hand-free function table
Hold-line function operation
· Hold-line function execution
When HDO is low, a falling edge triggers the HDI,en-
abling the Hold-line function (HDO becomes high).
The XMUTE remains low when HDO is high.
· Reset Hold-line function
When HDO is high, the Hold-line function is enabled
and can be reset by:
¨ Off-hook
¨ Applying a falling edge to HDI
¨ Changing the HFO pin from low to high
· Hold-line function table
DOUT BCD code
When dialing, the corresponding 4-bit BCD codes are
serially presented on DOUT from MSB to LSB. The data
of DOUT is valid at the falling edge of the CLOCK pin.
The following table lists the BCD codes corresponding
to the keyboard input.
Key-In
BCD Code
Key-In
BCD Code
1
0001
8
1000
2
0010
9
1001
3
0011
0
1010
4
0100
*/T
1101
5
0101
#
1100
6
0110
F
1011
7
0111
P
1110
C u r r e n t S t a t e
I n p u t
N e x t S t a t e
H K S
H
H
H
H
L
L
L
L
X
H . O
L
L
H
X
L
L
H
X
X
H D O
X
X
X
L
X
X
L
X
L
H . I
L
L
L
L
L
H K S
A n
A n
A n
L
A n
A n
A n
H
A n
H . O
L
H
L
L
L
H
L
A n
L
H D O
A n
L
A n
L
A n
L
A n
A n
H
H D I
H
H
H
H
H
H
H
H
H :
L :
L o g i c H I G H
L o g i c L O W
X :
A n :
D o n ' t c a r e
U n c h a n g e d
:
:
R i s i n g e d g e
. a l l i n g e d g e
C u r r e n t S t a t e
I n p u t
N e x t S t a t e
H K S
H
H
H
H
L
L
L
L
X
H D O
L
L
H
X
L
L
H
X
X
H . O
X
X
L
X
X
X
L
X
L
H D I
H
H
H
H
H
H K S
A n
A n
A n
L
A n
A n
A n
H
A n
H D O
L
H
L
L
L
H
L
A n
L
H . O
A n
L
A n
L
A n
L
A n
A n
H
H . I
L
L
L
L
L
L
L
L
H :
L :
L o g i c H I G H
L o g i c L O W
X :
A n :
D o n ' t c a r e
U n c h a n g e d
:
:
R i s i n g e d g e
. a l l i n g e d g e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com