Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT93LC66 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT93LC66
Description  4K 3-Wire CMOS Serial EEPROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT93LC66 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT93LC66 Datasheet HTML 1Page - Holtek Semiconductor Inc HT93LC66 Datasheet HTML 2Page - Holtek Semiconductor Inc HT93LC66 Datasheet HTML 3Page - Holtek Semiconductor Inc HT93LC66 Datasheet HTML 4Page - Holtek Semiconductor Inc HT93LC66 Datasheet HTML 5Page - Holtek Semiconductor Inc HT93LC66 Datasheet HTML 6Page - Holtek Semiconductor Inc HT93LC66 Datasheet HTML 7Page - Holtek Semiconductor Inc HT93LC66 Datasheet HTML 8Page - Holtek Semiconductor Inc HT93LC66 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Absolute Maximum Ratings
Operation Temperature (Commercial) ..................................................................................0
°C to 70°C
Applied VCC Voltage with Respect to VSS ......................................................................... –0.3V to 6.0V
Applied Voltage on any Pin with Respect to VSS............................................................ VSS–0.3V to VCC+0.3V
Supply READ Voltage ..............................................................................................................2V to 5.5V
Note: These are stress ratings only. Stresses exceeding the range specified under “Absolute Maxi-
mum Ratings” may cause substantial damage to the device. Functional operation of this
device at other conditions beyond those listed in the specification is not implied and
prolonged exposure to extreme conditions may affect device reliability.
D.C. Characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max. Unit
VCC
Conditions
VCC
Operating Voltage
—
Read
2.0
—
5.5
V
Write
2.4
—
5.5
V
ICC1
Operating Current
(TTL)
5V
DO unload, SK=1MHz
—
—
5
mA
ICC2
Operating Current
(CMOS)
5V
DO unload, SK=1MHz
—
—
5
mA
2~5.5V
DO unload, SK=250kHz
—
—
5
mA
ISTB
Standby Current
(CMOS)
5V
CS=SK=DI=0V
—
—
10
µA
ILI
Input Leakage Current
5V
VIN=VSS~VCC
0—
1
µA
ILO
Output Leakage
Current
5V
VOUT=VSS~VCC
CS=0V
0—
1
µA
VIL
Input Low Voltage
5V
—
0
—
0.8
V
2~5.5V
—
0
—
0.1VCC
V
VIH
Input High Voltage
5V
—
2
—
VCC
V
2~5.5V
—
0.9VCC
—VCC
V
VOL
Output Low Voltage
5V
IOL=2.1mA
—
—
0.4
V
2~5.5V
IOL=10
µA
—
—
0.2
V
VOH
Output High Voltage
5V
IOH=–400
µA
2.4
—
—
V
2~5.5V
IOH=–10
µA
VCC–0.2
—
—
V
CIN
Input Capacitance
—
VIN=0V, f=250kHz
—
—
5
pF
COUT
Output Capacitance
—
VOUT=0V, f=250kHz
—
—
5
pF
HT93LC66
3
6th May ’99



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com