Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDZ..6.8B Datasheet(PDF) 2 Page - Rohm

Part # VDZ..6.8B
Description  Voltage regulation
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

VDZ..6.8B Datasheet(HTML) 2 Page - Rohm

  VDZ..6.8B Datasheet HTML 1Page - Rohm VDZ..6.8B Datasheet HTML 2Page - Rohm VDZ..6.8B Datasheet HTML 3Page - Rohm VDZ..6.8B Datasheet HTML 4Page - Rohm VDZ..6.8B Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
VDZ11B
Diodes
Rev.C
2/4
Electrical characteristics (Ta=25 C)
Type No.
TYPE
TYPE NO.
TYPE
VDZ
3.6B
62
VDZ
12B
25
VDZ
3.9B
72
VDZ
13B
35
VDZ
4.3B
82
VDZ
15B
45
VDZ
4.7B
92
VDZ
16B
55
VDZ
5.1B
A2
VDZ
18B
65
VDZ
5.6B
C2
VDZ
20B
75
VDZ
6.2B
E2
VDZ
22B
85
VDZ
6.8B
F2
VDZ
24B
95
VDZ
7.5B
H2
VDZ
27B
A5
VDZ
8.2B
J2
VDZ
30B
C5
VDZ
9.1B
L2
VDZ
33B
E5
VDZ
10B
05
VDZ
36B
F5
VDZ
11B
15
MIN.
MAX.
Iz(mA)
MAX. Iz(mA)
MAX.
Iz(mA)
MAX.
VR(V)
VDZ 3.6B
3.600
3.845
5.0
100
5.0
1000
1.0
10.0
1.0
VDZ 3.9B
3.890
4.160
5.0
100
5.0
1000
1.0
5.0
1.0
VDZ 4.3B
4.170
4.430
5.0
100
5.0
1000
1.0
5.0
1.0
VDZ 4.7B
4.550
4.750
5.0
100
5.0
800
0.5
2.0
1.0
VDZ 5.1B
4.980
5.200
5.0
80
5.0
500
0.5
2.0
1.5
VDZ 5.6B
5.490
5.730
5.0
60
5.0
200
0.5
1.0
2.5
VDZ 6.2B
6.060
6.330
5.0
60
5.0
100
0.5
1.0
3.0
VDZ 6.8B
6.650
6.930
5.0
40
5.0
60
0.5
0.5
3.5
VDZ 7.5B
7.280
7.600
5.0
30
5.0
60
0.5
0.5
4.0
VDZ 8.2B
8.020
8.360
5.0
30
5.0
60
0.5
0.5
5.0
VDZ 9.1B
8.850
9.230
5.0
30
5.0
60
0.5
0.5
6.0
VDZ 10B
9.770
10.210
5.0
30
5.0
60
0.5
0.1
7.0
VDZ 11B
10.760
11.220
5.0
30
5.0
60
0.5
0.1
8.0
VDZ 12B
11.740
12.240
5.0
30
5.0
80
0.5
0.1
9.0
VDZ 13B
12.910
13.490
5.0
37
5.0
80
0.5
0.1
10.0
VDZ 15B
14.340
14.980
5.0
42
5.0
80
0.5
0.1
11.0
VDZ 16B
15.850
16.510
5.0
50
5.0
80
0.5
0.1
12.0
VDZ 18B
17.560
18.350
2.0
65
2.0
80
0.5
0.1
13.0
VDZ 20B
19.520
20.390
2.0
85
2.0
100
0.5
0.1
15.0
VDZ 22B
21.540
22.470
2.0
2.0
100
0.5
0.1
17.0
VDZ 24B
23.720
24.780
2.0
2.0
120
0.5
0.1
19.0
VDZ 27B
26.190
27.530
2.0
2.0
150
0.5
0.1
21.0
VDZ 30B
29.190
30.690
2.0
2.0
200
0.5
0.1
23.0
VDZ 33B
32.150
33.790
2.0
2.0
250
0.5
0.1
25.0
VDZ 36B
35.070
36.870
2.0
2.0
300
0.5
0.1
27.0
(
)The zener voltage(Vz) is measured 40ms after power is supplied.
(
)The operating resistances(Zz,Zzk) are measured by superimposing a minute alternating current
on the regulated current(Iz)
TYP.
Zener voltage Vz(V)
Operating
resistance
Zz(
Rising operating
resistance Zz(
Symbol
Reverse current
IR(uA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com