Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

151CMQ Datasheet(PDF) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # 151CMQ
Description  SCHOTTKY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

151CMQ Datasheet(HTML) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  151CMQ Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd 151CMQ Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd 151CMQ Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd 151CMQ Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N1179, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
•
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
151CMQ…SERIES
Maximum Ratings:
Characteristics
Symbol
Condition
Max.
Units
35
151CMQ035
40
151CMQ040
Peak Inverse Voltage
VRWM
-
45
151CMQ045
V
Max. Average Forward*
IF(AV)
50% duty cycle @TC = 71°C,
rectangular wave form
150
A
Max. Peak One Cycle Non-
Repetitive Surge Current
(peg leg)
IFSM
8.3 ms, half Sine pulse
1440
A
Non-Repetitive Avalanche
Energy(peg leg)
EAS
TJ=25℃,IAS=15A,L=0.9mH
101
mJ
Repetitive Avalanche
Current(peg leg)
IAR
Current decaying linearly to zero
in 1 μsec Frequency limited by
TJ max. VA=1.5×VR typical
15
A
Electrical Characteristics:
Characteristics
Symbol
Condition
Max.
Units
VF1
@ 75A, Pulse, TJ = 25 °C
@ 150A, Pulse, TJ = 25 °C
0.71
0.89
V
Max. Forward Voltage Drop
(per leg) *
VF2
@ 75A, Pulse, TJ = 125 °C
@ 150A, Pulse, TJ = 125 °C
0.63
0.80
V
IR1
@VR = rated VR TJ = 25 °C
5
mA
Max. Reverse Current (per
leg) *
IR2
@VR = rated VR ,TJ = 125 °C
45
mA
Max. Junction Capacitance
(per leg)
CT
@VR = 5V, TC = 25 °C
fSIG = 1MHz
2600
pF
Typical Series Inductance
(per leg)
LS
Measured lead to lead 5 mm
from package body
9.2
nH
Max. Voltage Rate of Change
dv/dt
-
10,000
V/
μs
* Pulse Width < 300µs, Duty Cycle <2%
Thermal-Mechanical Specifications:
Characteristics
Symbol
Condition
Specification
Units
Max. Junction Temperature
TJ
-
-55 to +175
°C
Max. Storage Temperature
Tstg
-
-55 to +175
°C
Maximum Thermal
Resistance Junction to Case
(per leg)
RθJC
DC operation
1.0
°C/W
Maximum Thermal
Resistance Junction to Case
(per package)
RθJC
DC operation
0.50
°C/W
Typical Thermal Resistance,
case to Heat Sink
Rθcs
Mounting surface, smooth and
greased
0.10
°C/W
40(min)
Mounting Torque
TM
-
58(max)
Kg-cm
Approximate Weight
wt
-
56
g
Case Style
TO-249(9 pin)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com