Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REM Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # REM
Description  High ripple current, low impedance series with 7mm height.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

REM Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  REM Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION REM Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION REM Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Rev. 7
Aluminum Electrolytic Capacitors
MERITEK
REM Series
(105°C,7mmL,Low Impedance)
RIPPLE CURRENT COEFFICIENTS
Frequency(Hz)
60
120
400
1k
10k
100k
W.V.
Multiplier
6.3~16V
0.45
0.60
0.83
0.94
0.98
1.00
25~35V
0.38
0.50
0.75
0.90
0.97
1.00
50V
0.36
0.46
0.70
0.88
0.94
1.00
CASE SIZE & MAX RIPPLE CURRENT
Cap.
(uF)
V
6.3
10
Item
DxL
IMP.
R.C.
DxL
IMP.
R.C.
20°C
-10°C
20°C
-10°C
15
4x7
1.592
4.775
80
22
4x7
1.191
3.572
80
4x7
1.184
3.552
95
27
4x7
1.051
3.153
90
4x7
1.045
3.135
100
33
4x7
0.926
2.778
100
4x7
0.921
2.763
110
39
4x7
0.839
2.518
110
5x7
0.835
2.505
140
47
5x7
0.629
1.886
130
5x7
0.568
1.705
160
56
5x7
0.561
1.682
150
5x7
0.507
1.521
170
68
5x7
0.489
1.467
160
6.3x7
0.442
1.326
210
82
6.3x7
0.450
1.351
200
6.3x7
0.407
1.222
230
100
6.3x7
0.406
1.219
220
6.3x7
0.367
1.102
260
120
6.3x7
0.346
1.039
250
6.3x7
0.313
0.939
280
150
6.3x7
0.283
0.850
280
8x7
0.256
0.768
370
180
8x7
0.246
0.739
350
220
8x7
0.210
0.630
390
Cap.
(uF)
V
16
25
Item
DxL
IMP.
R.C.
DxL
IMP.
R.C.
20°C
-10°C
20°C
-10°C
10
4x7
1.416
4.249
75
4x7
1.332
3.995
95
15
4x7
1.039
3.116
90
4x7
0.977
2.930
110
18
4x7
0.897
2.692
100
5x7
0.851
2.552
140
22
4x7
0.772
2.317
100
5x7
0.726
2.179
150
27
5x7
0.682
2.046
130
6.3x7
0.641
1.923
190
33
5x7
0.601
1.802
140
6.3x7
0.565
1.695
210
39
6.3x7
0.545
1.634
180
6.3x7
0.512
1.537
220
47
6.3x7
0.482
1.446
190
6.3x7
0.453
1.360
250
56
6.3x7
0.430
1.290
210
8x7
0.404
1.213
310
68
6.3x7
0.375
1.125
230
8x7
0.352
1.057
340
82
6.3x7
0.345
1.036
260
100
6.3x7
0.312
0.935
280
All blank voltage on sleeve marking is the same voltage as “” point to.
Temperature(
C)
65
75
85
95
105
Multiplier
2.12
1.92
1.69
1.50
1.00
Case size
: DxL
(mm)
Max. Impedance
: Ω
100kHz
Max. ripple current
: mA(rms)
105
C 100kHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com