Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78Z034CNL Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # 78Z034CNL
Description  10 BASE-T THROUGH HOLE INTERFACE MODULES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

78Z034CNL Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  78Z034CNL Datasheet HTML 1Page - Pulse A Technitrol Company 78Z034CNL Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Application Notes
Pulses interface modules provide the complete analog solution for
10Base-T multiport applications in various packages. Each module
includes low pass filters, isolation transformers, and may contain
common mode chokes. The 78Z034CNL contains data and pre-equal-
ization resistors on the transmit channel; and the receive
channel is terminated with impedance matching resistors.
Electrical Functions Include:
1. Impedance Matching -The low pass filters, in
conjunction with selected resistor values, effectively match
the impedance characteristics of the IC to those of the
transmission line. Precision wound inductors help control
passband impedances and lower return loss parameters. The
proper cut-off frequency minimizes insertion loss and delay
distortion while maximizing attenuation in the stopband.
2. EMI Suppression -The filter module is designed to control
signal harmonics and jitter, reflections, crosstalk interferences,
and common mode noise, which may contribute to radiated
and conducted emissions. High impedance common mode
chokes significantly minimize their effects.
3. Equipment Isolation - The transformer is designed to
withstand 2000 Vrms, ensuring protection from static charge
on the twisted pair line. Each module is fully tested to ensure
compliance with IEEE 802.3 1993 standards.
In some applications, such as multiport repeaters, many channels are
in close proximity. User compliance with FCC/CISPR22 Class B
requirements can be achieved by applying rigorous design guidelines
to suppress noise mechanisms. Attention to high frequency signal
paths, good PCB grounding techniques, and component placements
are critical.
A typical Network Interface Card Application is featured below.
UTP
DB-15
Vcc
AUI
XFMR
AUI
Port
10 Base-T
Transceiver
61.9
Ω
422
Ω
61.9
Ω
Receive
Filter
MDI
Port
RJ-45
TXD+
CD
XMT
XMT
XMT
RCV
RCV
Transmit
Filter
78Z034CNL
422
Ω
TD+
TD-
RD+
RD-
XMT
XMT
XMT
CD
RCV
RCV
49.9
Ω
49.9
Ω
TXP+
TXD-
TXP-
RXI+
RXI-
Vcc
Typical Application Circuit
10BASE-T THROUGH HOLE
INTERFACE MODULES
For 802.3 10Base-T LAN Applications
Note: Modules are packaged in tubes.
www.pulseeng.com
2
E104.F (8/10)
For More Information:
Pulse Worldwide
Headquarters
12220 World Trade Dr.
San Diego, CA 92128
U.S.A.
www.pulseeng.com
Tel: 858 674 8100
Fax: 858 674 8262
Pulse Europe
Zeppelinstrasse 15
D-71083 Herrenberg
Germany
Tel: 49 7032 7806 0
Fax: 49 7032 7806 135
Pulse China Headquarters
B402, Shenzhen Academy of
Aerospace Technology Bldg.
10th Kejinan Rd.
High-Tech Zone
Nanshan District
Shenzen, PR China 518057
Tel: 86 755 33966678
Fax: 86 755 33966700
Pulse North China
Room 2704/2705
Super Ocean Finance Ctr.
2067 Yan An Rd. West
Shanghai 200336
China
Tel: 86 21 62787060
Fax: 86 2162786973
Pulse South Asia
135 Joo Seng Rd.
#03-02
PM Industrial Bldg.
Singapore 368363
Tel: 65 6287 8998
Fax: 65 6287 8998
Pulse North Asia
3F, No. 198
Zhongyuan Rd.
Zhongli City
Taoyuan County 320
Taiwan R. O. C.
Tel: 886 3 4356768
Fax: 886 3 4356823 (Pulse)
Fax: 886 3 4356820 (FRE)
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product names
mentioned herein may be trademarks or registered trademarks of their respective owners. © Copyright, 2010. Pulse Engineering, Inc. All rights reserved.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com