Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCS-1021 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # ADCS-1021
Description  CMOS Image Sensors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ADCS-1021 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  ADCS-1021 Datasheet HTML 1Page - Agilent(Hewlett-Packard) ADCS-1021 Datasheet HTML 2Page - Agilent(Hewlett-Packard) ADCS-1021 Datasheet HTML 3Page - Agilent(Hewlett-Packard) ADCS-1021 Datasheet HTML 4Page - Agilent(Hewlett-Packard) ADCS-1021 Datasheet HTML 5Page - Agilent(Hewlett-Packard) ADCS-1021 Datasheet HTML 6Page - Agilent(Hewlett-Packard) ADCS-1021 Datasheet HTML 7Page - Agilent(Hewlett-Packard) ADCS-1021 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Table 1. Register Set Declaration for Agilent ADCS-1021 and ADCS-2021 Image Sensors.
Register Name
Mnemonic
Address (hex)
Sample Value (hex)
Identifications Register
IDENT
0x00
Status Register
STATUS
0x01
0x7F
Interrupt Mask Register
IMASK
0x02
0x00
Pad Control Register
PCTRL
0x03
0x03
Pad Drive Control Register
PDRV
0x04
0x00
Interface Control Register
ICTRL
0x05
0x20
Interface Timing Register
ITMG
0x06
0x00
Baud Fraction Register
BFRAC
0x07
0x00
Baud Rate Register
BRATE
0x08
0x00
ADC Control Register
ADCCTRL
0x09
0x08
First Window Row Register
FWROW
0x0A
0x00
First Window Column Register
FWCOL
0x0B
0x07
Last Window Row Register
LWROW
0x0C
0x79
Last Window Column Register
LWCOL
0x0D
0xA8
Timing Control Register
TCTRL
0x0E
0x04
PGA Gain Register: Green
ERECPGA
0x0F
0x00
PGA Gain Register: Red
EROCPGA
0x10
0x00
PGA Gain Register: Blue
ORECPGA
0x11
0x00
PGA Gain Register: Green
OROCPGA
0x12
0x00
Row Exposure Low Register
ROWEXPL
0x13
0x00
Row Exposure High Register
ROWEXPH
0x14
0x02
Sub-Row Exposure Register
SROWEXP
0x15
0x00
Error Control Register
ERROR
0x16
0x00
Interface Timing 2 Register
ITMG2
0x17
0x4B
Interface Control 2 Register
ICTRL2
0x18
0x00
Horizontal Blank Register
HBLANK
0x19
0x00
Vertical Blank Register
VBLANK
0x1A
0x00
Configuration Register
CONFIG
0x1B
0x0C
Control Register
CONTROL
0x1C
0x04
Reserved
0x1D
—
Reserved
0x1E
—
Reserved
0x1F
—
Reserved
0x20
—



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com