Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-4502 Datasheet(PDF) 12 Page - Agilent(Hewlett-Packard)

Part # HCPL-4502
Description  Single Channel, High Speed Optocouplers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-4502 Datasheet(HTML) 12 Page - Agilent(Hewlett-Packard)

Back Button HCPL-4502 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-4502 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-4502 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-4502 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-4502 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL-4502 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL-4502 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HCPL-4502 Datasheet HTML 15Page - Agilent(Hewlett-Packard) HCPL-4502 Datasheet HTML 16Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
Figure 2. Current Transfer Ratio vs. Input Current.
Figure 3. Input Current vs. Forward Voltage.
Figure 1. DC and Pulsed Transfer Characteristics.
10
5
0
010
20
VO – OUTPUT VOLTAGE – V
40 mA
35 mA
30 mA
25 mA
20 mA
15 mA
10 mA
I = 5 mA
F
T = 25°C
V
= 5.0 V
A
CC
8 PIN DIP, SO-8
12
8
0
010
20
VO – OUTPUT VOLTAGE – V
40 mA
35 mA
30 mA
25 mA
20 mA
15 mA
10 mA
I = 5 mA
F
4
16
T = 25°C
V
= 5.0 V
A
CC
WIDEBODY
NORMALIZED
I = 16 mA
V = 0.4 V
V
= 5 V
T = 25°C
F
O
CC
A
6N135, HCPL-0500
1.5
1.0
0.5
0.1
0
1
10
100
IF – INPUT CURRENT – mA
6N136, HCPL-4502/3,
HCPL-2502
HCPL-0501/0452/0453
8 PIN DIP, SO-8
F
O
CC
A
0
0
1
10
100
IF – INPUT CURRENT – mA
1.5
0.5
1.0
NORMALIZED
I = 16 mA
V = 0.4 V
V
= 4.5 V
T = 25 °C
HCNW135/6,
HCNW4502/3
WIDEBODY
VF – FORWARD VOLTAGE – VOLTS
100
10
0.1
0.01
1.1
1.2
1.3
1.4
1.6
1.5
1.0
0.001
1000
IF
VF
+
T = 25°C
A
–
8 PIN DIP, SO-8
VF – FORWARD VOLTAGE – VOLTS
1000
100
10
1.0
0.1
0.01
0.001
1.2
1.3
1.4
1.5
T = 25° C
A
IF
VF
+
–
1.8
1.7
1.6
WIDEBODY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com